전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 135V-R005

  • AI
    The **135V-R005** is a specialized electronic component, specifically a **Metal Strip Current Sense Resistor**. It is designed for high-precision current measurement in power electronic circuits. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Technical Specifications The part number "135V-R005" follows a standard naming convention where the value and tolerance are encoded. | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense Resistor | Used to convert current into a measurable voltage drop. | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Very low resistance to minimize power loss. | | **Power Rating** | Typically 3W - 5W | Varies by manufacturer (e.g., Ohmite or Isabellenhütte). | | **Tolerance** | ±1% or ±5% | Precision level for current measurement. | | **Mounting Type** | Through-hole (Radial) | Often features a "V-shape" or "U-shape" lead design. | | **Material** | Metal Alloy | Usually Manganin or Ni-Cr for thermal stability. | --- ### 2. Key Features and Design * **Low Inductance:** Because it is a metal strip rather than a wire-wound coil, it has negligible inductance, making it ideal for high-frequency switching power supplies. * **Temperature Stability:** It has a very low Temperature Coefficient of Resistance (TCR), meaning its resistance does not change significantly as the part heats up. * **Open-Air Design:** The physical structure (often elevated from the PCB) allows for better airflow and cooling, preventing heat damage to the board. --- ### 3. Functional Working Principle In a circuit, the 135V-R005 acts as a "shunt." By applying **Ohm’s Law ($V = I \times R$)**, the system monitors the voltage drop across the resistor to determine the current flowing through the circuit. ```python # Calculation Example resistance = 0.005 # Ohms voltage_measured = 0.050 # 50mV measured across the resistor current = voltage_measured / resistance # Current = 10 Amperes ``` --- ### 4. Common Applications * **Power Supplies:** Monitoring output current for overcurrent protection. * **Battery Management Systems (BMS):** Measuring charge and discharge rates in Lithium-ion packs. * **Motor Control:** Feedback loops for speed and torque regulation. * **Automotive Electronics:** Handling high-current loads in electric steering or lighting modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions or footprint of the 135V-R005?
    • ⤷ How does the 'V' shape in the lead design benefit thermal management?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?