135X-R005
AI

Based on the part number **135X-R005**, this component is typically identified as a **high-precision, metal foil current sensing resistor**. These parts are frequently manufactured by companies like **Viking Tech** or **Isabellenhütte** and are designed for applications requiring extreme stability and low resistance values.
---
### 1. Key Technical Specifications
The "R005" suffix specifically denotes the resistance value in ohms.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Very low resistance for minimal power loss. |
| **Material** | Metal Foil / Alloy | Provides superior thermal stability compared to thick film. |
| **Tolerance** | $\pm0.5\%$ to $\pm1\%$ | High precision for accurate current measurement. |
| **Power Rating** | Typically 1W - 3W | Depends on the specific package size (e.g., 2512). |
| **TCR** | $\pm50$ to $\pm100$ ppm/°C | Low Temperature Coefficient of Resistance. |
---
### 2. Functional Breakdown
The part functions as a **Shunt Resistor**. It is placed in series with a load to measure the current flowing through a circuit.
* **Ohm's Law Application:** By measuring the small voltage drop ($V$) across the 0.005 $\Omega$ resistor ($R$), a controller can calculate the current ($I$) using $I = V / R$.
* **Heat Dissipation:** Because it handles high current, the "135X" series is built with materials that can withstand high temperatures without shifting in resistance value.
---
### 3. Common Applications
Due to its low resistance and high precision, it is found in:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries.
* **DC-DC Converters:** Providing feedback loops for power regulation.
* **Motor Control:** Detecting overcurrent conditions in industrial motors.
* **Automotive Electronics:** Used in electronic power steering and braking systems.
---
### 4. Component Marking Decoder
The part number can usually be broken down as follows:
| Segment | Meaning |
| :--- | :--- |
| **135X** | Series/Model designation (Package size and material type). |
| **R** | Decimal point placeholder. |
| **005** | Numerical value (0.005). |
- ⤷
What is the maximum current capacity for a 135X-R005 resistor?
- ⤷ How does a metal foil resistor differ from a standard thick film resistor?
- ⤷ What are the recommended soldering footprints for the 135X series?