전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1360-R3

  • AI
    The **1360-R3** typically refers to a high-performance **Linear Power Supply** module often used in laboratory equipment, high-end audio systems, or industrial signal processing. Below is a breakdown of the electronic components and architecture typically found in this module. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Input Voltage** | AC 115V / 230V (Switchable) | | **Output Type** | Regulated Linear DC | | **Regulation Type** | Series Pass Transistor | | **Filtering** | High-Capacitance Low-ESR Electrolytic | --- ### 2. Major Electronic Components The 1360-R3 architecture is built around stability and low noise. Its main parts include: #### A. Power Transformer (Toroidal) Unlike switching supplies, the 1360-R3 uses a heavy magnetic transformer. * **Function:** Steps down the AC mains voltage. * **Advantage:** Minimal electromagnetic interference (EMI) compared to high-frequency switchers. #### B. Rectifier Bridge * **Component:** High-current diode bridge. * **Function:** Converts the stepped-down AC (Alternating Current) into pulsating DC (Direct Current). #### C. Filter Capacitors (The "Reservoir") * **Component:** Large electrolytic capacitors (often rated at several thousand microfarads). * **Function:** Smooths out the ripples from the rectifier to provide a steady DC baseline. #### D. Voltage Regulation Circuitry This is the "brain" of the 1360-R3. * **Pass Transistor:** Usually a TO-3 or TO-220 package mounted on a heatsink. It absorbs the voltage difference to maintain a constant output. * **Zener Diode / Reference IC:** Provides a precise voltage reference. * **Op-Amp:** Acts as an error amplifier to compare the output voltage against the reference and adjust the pass transistor in real-time. --- ### 3. Protection Features The 1360-R3 is known for its durability due to these integrated sub-circuits: 1. **Over-Voltage Protection (OVP):** Often uses a "Crowbar" circuit (an SCR) to short the output and blow a fuse if the voltage spikes, protecting the load. 2. **Thermal Shutdown:** Sensors on the heatsink that cut power if the module exceeds safe operating temperatures. 3. **Current Limiting:** Prevents the unit from burning out during a short circuit. --- ### 4. Comparison: Linear vs. Switching | Feature | 1360-R3 (Linear) | Modern SMPS (Switching) | | :--- | :--- | :--- | | **Noise/Ripple** | Extremely Low | High | | **Efficiency** | Low (generates heat) | High | | **Weight** | Heavy (Transformer) | Light | | **Application** | Lab/Audio/Radio | Computers/Chargers | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage and amperage ratings for the 1360-R3?
    • ⤷ How do I troubleshoot a 'No Output' condition on this power supply?
    • ⤷ Is the 1360-R3 compatible with digital microcontrollers like Arduino or ESP32?