전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1375-R

  • AI
    The **1375-R** typically refers to a specific type of **high-voltage, high-current resistor** or a component within a specific industrial control series (often associated with older Allen-Bradley or specialized power electronics hardware). Below is a breakdown of its characteristics, functions, and technical specifications. --- ## 1. Component Overview The 1375-R is generally classified as a **Power Resistor**. These are designed to dissipate large amounts of heat and handle significant electrical loads that would destroy standard electronic resistors. ### Key Specifications | Feature | Typical Description | | :--- | :--- | | **Component Type** | Power Resistor / Dynamic Braking Resistor | | **Material** | Wire-wound or Ceramic-core | | **Mounting** | Chassis or Panel Mount | | **Cooling** | Natural Convection or Forced Air | | **Tolerance** | Usually ±5% to ±10% | --- ## 2. Core Functions In electronic systems, the 1375-R serves several critical roles: ### A. Dynamic Braking In motor drive systems (VFDs), when a motor slows down, it acts as a generator. The 1375-R is used to "dump" this excess kinetic energy as heat, preventing over-voltage trips in the DC bus. ### B. Current Limiting It acts as a buffer to limit "inrush current" when a high-power device is first turned on, protecting sensitive semiconductors like IGBTs or Thyristors. ### C. Voltage Dropping In high-voltage power supplies, it is used to drop voltage levels for control circuits or as a "bleeder resistor" to safely discharge capacitors after power-off. --- ## 3. Maintenance and Identification When working with these parts, pay attention to the following: * **Resistance Value ($\Omega$):** Ensure the Ohms match the circuit requirement. A lower resistance will pull more current and may blow fuses. * **Wattage (W):** This defines the heat dissipation capacity. If the wattage is too low, the part will physically burn out. * **Physical Integrity:** Check for cracks in the ceramic coating or discoloration (browning), which indicates the part has been overheating. --- ## 4. Example Wiring Logic If used in a basic braking circuit, the schematic logic would look like this: ```mermaid graph LR A[DC Bus +] --> B[Braking Transistor/Chopper] B --> C[1375-R Resistor] C --> D[DC Bus -] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Ohm and Wattage rating for the 1375-R in your application?
    • ⤷ Are you looking for a replacement part or a datasheet for a specific manufacturer?
    • ⤷ Is this part being used in an Allen-Bradley drive system?