1426Q-B..
AI

The **1426Q-B** is a specific electronic component, primarily identified as a **High-Frequency Surface Mount (SMT) Inductor/Transformer** or a **Common Mode Choke**, often used in telecommunications and signal processing.
---
## 1. Technical Specifications
While specifications can vary slightly depending on the specific manufacturer (commonly brands like *Pulse Electronics* or *Coilcraft*), the general parameters for this series are as follows:
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | SMT Power Inductor / RF Transformer |
| **Package** | Surface Mount (1812 or 2220 equivalent) |
| **Inductance Range** | 1.0 mH to 6.8 mH (depending on suffix) |
| **Current Rating** | 100mA to 500mA |
| **Tolerance** | ±10% or ±20% |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Key Features
* **Compact Footprint:** Designed for high-density PCB layouts.
* **Shielding:** Usually features a semi-shielded or fully shielded construction to minimize Electromagnetic Interference (EMI).
* **Durability:** High resistance to mechanical shock and vibration, making it suitable for automotive or industrial applications.
* **Solderability:** Features tin-plated terminals compatible with lead-free reflow soldering processes.
---
## 3. Common Applications
The 1426Q-B is typically integrated into circuits requiring signal integrity and noise filtering:
1. **Telecommunications:** Used in ADSL/VDSL splitters and modem filtering circuits.
2. **Power Supplies:** Acts as a filter to remove high-frequency noise from DC-DC converters.
3. **Signal Isolation:** Provides galvanic isolation in low-power data lines.
4. **EMI Suppression:** Used in "Common Mode" configurations to block noise while allowing the desired signal to pass.
---
## 4. Equivalent Identification
If you are looking for a replacement, ensure the following match:
* **Footprint:** The physical dimensions (Length x Width) must match the PCB pads.
* **DCR (DC Resistance):** A higher DCR can lead to overheating or voltage drops.
* **Saturation Current ($I_{sat}$):** Ensure the replacement can handle the peak current without losing inductance.
- ⤷
What is the exact manufacturer of the 1426Q-B you are using?
- ⤷ Do you need a datasheet or a pinout diagram for this component?
- ⤷ Are you looking for an equivalent cross-reference for a repair?