전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 14CEC-2102-R/Q

  • AI
    Based on the part number provided, this appears to be a specific identifier for a **Tactile Switch** or a similar electromechanical component, often associated with manufacturers like **C&K** or distributors following specific internal coding. Below is an overview of the electronic properties and specifications typically associated with this class of components. --- ### 1. Component Overview The **14CEC series** generally refers to high-quality, sealed tactile switches used in surface mount (SMT) or through-hole applications. These are designed for durability and a consistent "click" feel. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Switching Power** | 1 VA to 3 VA Max | | **Operating Voltage** | 32 VDC to 50 VDC | | **Operating Force** | 1.6 N to 4.0 N (Variable by Q/R suffix) | | **Lifecycle** | 100,000 to 1,000,000 cycles | --- ### 2. Suffix Breakdown (R/Q) The letters at the end of the part number usually define the mechanical feel and the packaging method. * **"R" Suffix:** Usually denotes **RoHS Compliance** or **Tape & Reel** packaging (Ready for automated pick-and-place assembly). * **"Q" Suffix:** Often indicates the **Silver Contact** material or a specific **Actuation Force** (e.g., "Quality" or "Quiet" click versions in some catalogs). --- ### 3. Key Electronic Characteristics When integrating this part into a circuit, consider these three parameters: 1. **Contact Resistance:** Usually < 100 mΩ. This is critical for low-voltage signal logic. 2. **Bounce Time:** Typically < 5ms. Microcontrollers reading this switch will require software or hardware debouncing. 3. **Dielectric Strength:** Usually 250 Vrms, ensuring the switch does not arc under standard operating conditions. --- ### 4. Typical Applications These parts are commonly found in: * **Consumer Electronics:** Remote controls, cameras, and headphones. * **Industrial:** Interface panels and reset buttons. * **Automotive:** Steering wheel controls and interior lighting toggles. --- ### 5. Footprint Example (C Code for Debouncing) If you are interfacing this switch with a microcontroller, use a simple debounce logic: ```c // Simple software debounce logic for a tactile switch bool read_switch(int pin) { if (digitalRead(pin) == LOW) { // If pressed delay(20); // Wait for mechanical bounce to settle if (digitalRead(pin) == LOW) { return true; // Confirmed press } } return false; } ```
    ✨ Follow-up Questions
    • ⤷What is the exact actuation force for the 'Q' variant of this switch?
    • ⤷ What are the physical dimensions for the 14CEC series footprint?
    • ⤷ Does this switch carry an IP67 rating for water resistance?