전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1554XA2GY..

  • AI
    The **1554XA2GY** is a specific model of industrial enclosure manufactured by **Hammond Manufacturing**. It is designed to house and protect electronic components and printed circuit boards (PCBs) in demanding environments. --- ## 1. Technical Specifications The "1554" series is known for its ruggedness and environmental sealing. Below are the primary specifications for the **XA2GY** variant: | Feature | Specification | | :--- | :--- | | **Material** | Polycarbonate (High-impact) | | **Color** | Light Gray (GY) | | **Dimensions** | Approx. 120mm x 90mm x 60mm (4.7" x 3.5" x 2.4") | | **IP Rating** | IP66 (Dust-tight, protection against powerful water jets) | | **NEMA Rating** | NEMA 4, 4X, 6, 6P, 12, 13 | | **Temperature Range** | -40°C to +120°C | | **Flammability** | UL94-V0 / 5VA | --- ## 2. Key Electronic Design Features While the enclosure itself is passive, it includes several features specifically for electronic assembly: * **PCB Standoffs:** The interior base features molded-in brass bushings or plastic bosses designed for M3 or M3.5 self-tapping screws. This allows for the secure mounting of PCBs without drilling through the outer shell. * **Gasket System:** It utilizes a "Tongue and Groove" construction with a one-piece silicone gasket. This ensures that sensitive electronics remain dry and free from contaminants. * **Non-Metallic Construction:** Being made of polycarbonate, it does not interfere with wireless signals (Wi-Fi, Bluetooth, LoRa), making it ideal for IoT devices or radio transmitters. * **Recessed Lid:** The top cover is slightly recessed, providing a protected area for mounting membrane keypads, labels, or HMI displays. --- ## 3. Common Applications Due to its high IP rating and durable material, the 1554XA2GY is frequently used for: 1. **Industrial Sensors:** Housing for pressure, temperature, or flow sensors in factories. 2. **Outdoor Controls:** Solar power controllers or exterior lighting timers. 3. **Corrosive Environments:** Unlike metal boxes, polycarbonate is resistant to corrosion from salt spray or mild chemicals. 4. **Security Systems:** Protecting outdoor camera hubs or alarm modules. --- ## 4. Mounting and Installation The enclosure is designed to be mounted without compromising the internal electronics: * **Internal Mounting:** The lid is secured via stainless steel machine screws into threaded brass inserts. * **Wall Mounting:** Separate holes are located outside the gasket perimeter so that the box can be screwed to a wall without letting moisture inside the main compartment.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the Polycarbonate and ABS versions of the 1554 series?
    • ⤷ Can this enclosure be customized with factory-drilled holes for cable glands?
    • ⤷ What size screws are required for the internal PCB mounting bosses?