1554XAGY..
AI

The **1554XAGY** is a specific model of industrial electronic enclosure manufactured by **Hammond Manufacturing**. It is designed to house and protect electronic components, circuit boards (PCBs), and terminal blocks in harsh environments.
---
### ## Technical Specifications
Below are the primary physical and technical attributes of the 1554XAGY:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Hammond Manufacturing |
| **Material** | General Purpose ABS Plastic |
| **Color** | Light Gray (GY) |
| **Lid Type** | Opaque (Solid Gray) |
| **Dimensions (LxWxD)** | 11.81" x 7.87" x 3.54" (300mm x 200mm x 90mm) |
| **IP Rating** | IP66 (Dust-tight and protected against powerful water jets) |
| **Flame Rating** | UL94-HB |
---
### ## Key Structural Components
The 1554XAGY is not just a simple box; it consists of several engineered parts designed for electronic assembly:
1. **The Base:**
* Features internal **vertical P.C. card guides** for sliding in circuit boards.
* Includes **integral brass bushings** for repeated opening and closing without stripping the plastic.
2. **The Gasket System:**
* Uses a **silicone rubber gasket** placed in a tongue-and-groove channel. This ensures the IP66 rating for moisture and dust protection.
3. **The Lid:**
* The "A" in the part number indicates an opaque lid (matching the gray body).
* Designed with a recessed area for membrane keypads or labels.
4. **Hardware:**
* Comes with **M4 stainless steel machine screws** that thread into the brass bushings.
---
### ## Common Applications
Electronic engineers use this enclosure for:
* **Industrial Controls:** Housing PLCs or relay modules.
* **IoT Gateways:** Protecting outdoor sensors and transmitters.
* **Power Supplies:** Enclosing transformers or battery backups in damp areas.
---
### ## Comparison: ABS vs. Polycarbonate
It is important to note that the **1554X** series comes in two materials. The **AGY** suffix denotes ABS plastic.
* **1554XAGY (ABS):** More economical, best for indoor use or controlled environments.
* **1554XGY (Polycarbonate):** UV stabilized, higher impact resistance, better for direct outdoor sunlight exposure.
- ⤷
Does the 1554XAGY come with internal mounting plates for PCBs?
- ⤷ What is the difference between IP66 and IP67 ratings for this enclosure?
- ⤷ Are there specific cable glands recommended for maintaining the IP66 seal?