전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 15PV-56-R

  • AI
    The **15PV-56-R** is a specific model of a **Rotary Piston Pump** (often referred to as a Variable Displacement Axial Piston Pump), commonly manufactured by companies like **Daikin** or **Nachi**. While the core of this unit is hydraulic, the "electronic parts" refer to the solenoid-controlled valves and sensors integrated into the pump to manage flow, pressure, and direction. --- ## 1. Core Electronic Components In high-performance hydraulic systems, the 15PV-56-R utilizes the following electronic interfaces: | Component | Function | Description | | :--- | :--- | :--- | | **Proportional Solenoid** | Flow/Pressure Control | Converts electrical signals (usually 0-24V or 4-20mA) into mechanical force to shift the swashplate. | | **Pressure Transducer** | Feedback Loop | Monitors the output pressure and sends an analog signal back to the PLC to prevent overloading. | | **Limit Switches** | Position Sensing | (Optional) Detects if the pump is at zero-stroke or maximum displacement. | | **Servo Valve** | Precision Control | Uses a pilot electronic signal to adjust the piston angle with high accuracy. | --- ## 2. Technical Specifications (Electrical Context) The electronics governing the 15PV-56-R are designed to integrate with an industrial **PLC (Programmable Logic Controller)**. ### Wiring and Control Logic Most modern versions of this pump series use a **Pulse Width Modulation (PWM)** signal to drive the solenoids. This prevents "stiction" (static friction) in the valves, allowing for smooth adjustments. * **Operating Voltage:** Typically 24V DC. * **Signal Type:** 0–10V or 4–20mA (Standard Industrial). * **Protection Class:** Usually IP65 or higher (Dust and water-resistant for industrial environments). --- ## 3. Maintenance and Troubleshooting for Electronics If the pump is failing to adjust pressure or flow, the issue is often in the electrical interface rather than the mechanical pistons. ### Common Electronic Failures 1. **Solenoid Coil Burnout:** Caused by voltage spikes or excessive heat. 2. **Cable Fatigue:** Frequent vibration in hydraulic systems can fray the wiring to the pressure sensor. 3. **Controller Drift:** The PLC output may need recalibration to ensure the 0-point of the swashplate matches the 0-volt signal. --- ## 4. Part Number Breakdown (Electrical Context) | Segment | Meaning | | :--- | :--- | | **15** | Pump Displacement Size (e.g., 15 cm³/rev) | | **PV** | Piston Valve / Piston Variable Displacement | | **56** | Design Series / Modification Number | | **R** | Rotation Direction (Right/Clockwise) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the 15PV-56-R solenoid?
    • ⤷ How do I calibrate the electronic swashplate sensor on this pump?
    • ⤷ What is the difference between the 'R' and 'L' models regarding electronic wiring?