전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 15TS-36-R

  • AI
    The **15TS-36-R** is a specific model of a **Miniature Toggle Switch**, typically used in industrial controls, telecommunications, and instrumentation. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Switching Function** | ON-ON (2 positions) | | **Current Rating** | 6A @ 125VAC / 3A @ 250VAC | | **Contact Resistance** | 20 mΩ max (initial) | | **Insulation Resistance** | 1,000 MΩ min | | **Dielectric Strength** | 1,500 VAC for 1 minute | | **Mechanical Life** | 100,000 cycles | | **Terminal Type** | Solder Lug | --- ## 2. Component Construction The part is composed of several key internal and external elements: ### Internal Parts * **Contact Clips:** Usually silver-plated copper or brass to ensure high conductivity and prevent oxidation. * **Pivot Mechanism:** A spring-loaded ball and socket mechanism that provides the "snap" feel when toggled. * **Terminal Pins:** The "36" in the part number often refers to the terminal layout; in this case, three pins (Common, NO, NC). ### External Parts * **Actuator (Lever):** Chrome-plated brass for durability and corrosion resistance. * **Bushing:** Threaded neck for panel mounting. The "15TS" series often uses a standard 1/4-40 UNS thread. * **Housing:** High-temperature plastic (often Diallyl Phthalate or DAP) which is UL94V-0 rated for flame retardancy. --- ## 3. Wiring Diagram The **SPDT** configuration allows it to control two different circuits or switch a single source between two paths. ```text [ Lever ] | +-----+-----+ | [1] [2] [3]| <-- Terminals (Solder Lugs) +-----------+ 1: Normally Closed (NC) 2: Common (COM) 3: Normally Open (NO) ``` --- ## 4. Common Applications * **Audio Equipment:** To switch between inputs or toggle power. * **Industrial Panels:** Manual override switches for machinery. * **DIY Electronics:** Breadboard power isolation or signal routing. * **Marine/Automotive:** Low-voltage lighting or accessory control.
    ✨ Follow-up Questions
    • ⤷ What is the mounting hole diameter required for the 15TS-36-R?
    • ⤷ Can this switch be used for DC applications instead of AC?
    • ⤷ Does this model come in a momentary (ON-OFF-ON) configuration?