전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1663255

  • AI
    Based on the part number **1663255**, this typically refers to a specialized component often found in industrial, automotive, or heavy machinery electrical systems. Most notably, this part number is associated with high-current **Master Disconnect Switches** used by manufacturers like **Caterpillar (CAT)** and other heavy equipment brands. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics of a 1663255 Master Switch: | Feature | Specification | | :--- | :--- | | **Component Type** | Battery Disconnect / Master Switch | | **Voltage Rating** | 12V - 24V DC (Standard Industrial) | | **Amperage (Continuous)** | 125A - 250A (Depending on specific OEM) | | **Amperage (Intermittent)** | Up to 1000A - 2500A (Cranking Surge) | | **Terminal Material** | Copper or Brass (for high conductivity) | | **Enclosure Rating** | IP67 or similar (Dust and Water Resistant) | --- ### Key Functional Components #### 1. Internal Contacts The core of this electronic part consists of heavy-duty metal contact plates. When the handle is turned, these plates bridge the gap between the battery terminal and the vehicle's electrical system. Because it handles high current, the contacts are designed to minimize **arcing** (sparking) which can weld the internal parts together. #### 2. The Housing (Die-Cast Metal) Unlike standard consumer electronics, these parts use heavy-duty die-cast housings. This acts as a heat sink to dissipate heat generated by high electrical resistance during engine startup. #### 3. Circuit Isolation The primary electronic role of this part is **circuit isolation**. It prevents: * **Parasitic Drain:** Stops electronic modules from draining the battery when the machine is off. * **Thermal Events:** Allows an operator to manually kill power in the event of an electrical short or fire. --- ### Common Applications 1. **Construction Machinery:** Used as the main safety cutoff for excavators, loaders, and dozers. 2. **Marine Systems:** Used to isolate battery banks on boats to prevent discharge during storage. 3. **Heavy Trucking:** Often installed on the exterior of the cab as a security and safety lockout point. ---
    ✨ Follow-up Questions
    • ⤷What are the signs of failure for a 1663255 master switch?
    • ⤷ How do you wire a 1663255 switch into a dual-battery system?
    • ⤷ Are there specific torque requirements for the terminals on this part?