전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 16DR10

  • AI
    The **16DR10** is a specific electronic component typically identified as a **Rectifier Diode**, often part of a series produced by manufacturers like Nihon Inter Electronics (NIEC) or used in specific high-voltage applications. --- ### 1. Component Overview The 16DR10 is a general-purpose silicon rectifier diode. Its primary function is to allow current to flow in one direction while blocking it in the reverse direction. ### 2. Key Technical Specifications The electrical characteristics are defined by its voltage and current limits: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 1000V | | **Average Rectified Forward Current** | $I_{O}$ | 1.6A | | **Peak Forward Surge Current** | $I_{FSM}$ | ~45A to 50A | | **Maximum Forward Voltage Drop** | $V_{F}$ | ~1.1V | | **Operating Temperature** | $T_{j}$ | -40°C to +150°C | --- ### 3. Physical Characteristics and Pinout The "16DR" series usually utilizes a standard plastic molded package (often similar to DO-41 or axial leaded packages). * **Anode:** The side without the band (current enters). * **Cathode:** Indicated by a **color band** or stripe on the body (current exits). --- ### 4. Common Applications Due to its 1000V rating, it is commonly found in power management circuits: 1. **AC to DC Conversion:** Used in bridge rectifiers for power supplies. 2. **Freewheeling Diodes:** Protecting circuits from voltage spikes generated by inductive loads (motors, relays). 3. **Battery Chargers:** Preventing reverse current flow from the battery back into the charger. 4. **Snubber Circuits:** Used in switching power supplies to suppress high-voltage transients. --- ### 5. Equivalent Components If the 16DR10 is unavailable, the following parts are common alternatives with similar or superior specifications: * **1N5399:** (1.5A, 1000V) * **RL207:** (2.0A, 1000V) * **UF4007:** (Fast recovery version, though 16DR10 is standard recovery)
    ✨ Follow-up Questions
    • ⤷What is the difference between the 16DR10 and a Schottky diode?
    • ⤷ How do I test a 16DR10 using a digital multimeter?
    • ⤷ Can I use a 1N4007 as a replacement for the 16DR10?