전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 17MS-6-R

  • AI
    The **17MS-6-R** is a specific model of a **hybrid stepper motor**, commonly manufactured by companies like Moons' Industries or similar high-precision motion control vendors. This motor is part of the "NEMA 17" size category, which is widely used in 3D printers, CNC machines, and medical equipment. Below is a detailed breakdown of its electronic and physical specifications. --- ### 1. Technical Specifications | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Frame Size** | NEMA 17 (42mm) | - | | **Step Angle** | 1.8° | degrees/step | | **Steps per Revolution** | 200 | steps | | **Phase Current** | Typically 0.7A - 1.2A | Amps | | **Phase Resistance** | Dependent on winding (low) | Ohms | | **Winding Type** | Bipolar (usually) | - | | **RoHS Compliant** | Yes ("-R" suffix often indicates RoHS) | - | --- ### 2. Electronic Components & Design The 17MS-6-R consists of several internal electronic and magnetic parts that enable precise movement: * **The Stator:** A series of coils (windings) made of insulated copper wire. When current flows through these coils, they create an electromagnetic field that attracts the rotor. * **The Rotor:** Usually contains a permanent magnet and two serrated iron caps. The "hybrid" nature comes from combining a permanent magnet with a toothed rotor for higher torque and smaller step angles. * **The Wiring (4-Lead):** Most 17MS-6-R models use a **Bipolar** configuration with 4 wires. * *Phase A:* Wires 1 & 2 * *Phase B:* Wires 3 & 4 * **Phasing and Polarity:** The motor moves by switching the direction of the current in these phases in a specific sequence (controlled by an external driver). --- ### 3. Key Features * **High Precision:** With a 1.8° step angle, it can achieve very fine positioning, especially when used with **microstepping** drivers (e.g., A4988, TMC2209). * **Small Form Factor:** The "6" in the part number often refers to a specific stack length or torque rating, indicating a "slim" or "standard" body depth that fits in tight spaces. * **Low Vibration:** Designed for smooth motion profiles, making it ideal for laboratory automation and desktop 3D printing. --- ### 4. Integration Requirements To operate the 17MS-6-R, you cannot simply plug it into a power supply. You need: 1. **A Stepper Driver:** Translates logic signals into high-current pulses. 2. **A Controller:** (Like an Arduino or PLC) to send "Step" and "Direction" pulses. 3. **DC Power Supply:** Usually between 12V and 24V DC to ensure the motor has enough torque at higher speeds. ---
    ✨ Follow-up Questions
    • ⤷ What is the torque rating for the 17MS-6-R model?
    • ⤷ Can this motor be used with a 12V power supply and an A4988 driver?
    • ⤷ What is the difference between a 0.9 and 1.8 degree step angle in NEMA 17 motors?