18405-R
AI

The part number **18405-R** is most commonly associated with specialized automotive electrical components, specifically **alternators** or **alternator components** used in heavy-duty or industrial vehicles.
Below is a detailed breakdown of the specifications and typical applications for this part.
---
### ๐ ๏ธ Technical Specifications
Based on industry standards for the 18405-R series (often cross-referenced with Lester or Remy numbering systems):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Alternator / Charging System |
| **Voltage** | 12 Volts |
| **Amperage** | 130 - 150 Amps (Typical) |
| **Rotation** | CW (Clockwise) |
| **Pulley Type** | 6-Groove or 8-Groove (depending on sub-model) |
| **Regulator** | Internal (IR) |
| **Fan Type** | Internal (IF) |
---
### ๐ Key Features
1. **Rectifier & Diodes:** The "-R" suffix often indicates a specific **Rectifier** configuration or a **Remanufactured** status depending on the specific manufacturer (such as BBB Industries or Wilson).
2. **High Output:** These parts are designed to handle high electrical loads, making them suitable for vehicles with multiple electronic accessories.
3. **Durability:** Built with heavy-duty bearings to withstand high heat and vibration in engine compartments.
---
### ๐ Common Applications
This part is frequently used in light trucks, vans, and utility vehicles from the late 1990s to the mid-2000s.
* **Ford Vehicles:** E-Series Vans (E-150, E-250, E-350) and F-Series Trucks.
* **Engine Types:** Often paired with 4.6L, 5.4L, and 6.8L V8/V10 engines.
* **Industrial Use:** Small construction machinery or stationary generators using Ford-based power units.
---
### โ ๏ธ Identification Check
If you are looking at a specific electronic board or a different category of component, please check the manufacturer name. If "18405-R" refers to a **resistor** or a **connector**, the specs change significantly:
* **Resistors:** Would be measured in Ohms (ฮฉ).
* **Connectors:** Would be defined by pin count and pitch.
- โคทIs this part for a specific vehicle make and model?
- โคท Are you looking for a wiring diagram for the 18405-R?
- โคท Do you need a cross-reference for a different brand like Bosch or Denso?