전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18AR-10-R

  • AI
    The **18AR-10-R** is a specific electronic component typically identified as a **precision wirewound potentiometer** or a **trimmer resistor**, often manufactured by companies like Spectrol (now part of Vishay) or similar high-precision component specialists. ### 1. General Specifications The part number "18AR-10-R" can be broken down into its technical characteristics. While specific manufacturer datasheets may vary slightly, the standard configuration for this series is as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Precision Potentiometer / Trimmer | | **Technology** | Wirewound | | **Resistance Value** | 10 Ohms (denoted by the "10") | | **Tolerance** | Usually ±3% to ±5% | | **Power Rating** | Approximately 1.0W to 2.0W (at 70°C) | | **Mounting Type** | Panel Mount or PCB (depending on lead style) | | **Rotation** | Single-Turn or Multi-Turn (Series dependent) | --- ### 2. Key Technical Components #### A. Wirewound Element Unlike carbon film potentiometers, the **18AR** series uses a resistive wire wrapped around a non-conductive core. - **Benefit:** High stability, low temperature coefficient, and better power handling. - **Drawback:** Higher inductance compared to thick-film types, making them less ideal for high-frequency applications. #### B. The "R" Suffix In many electronic naming conventions, the **-R** suffix stands for: - **RoHS Compliant:** The part is manufactured without hazardous substances like lead. - **Radial:** In some contexts, it indicates a radial lead configuration, though RoHS compliance is the most common industry standard for this suffix today. #### C. Mechanical Construction * **Housing:** Typically a rugged plastic or metal case designed for industrial environments. * **Wiper:** A metal contact that moves along the wirewound element to change the resistance. * **Shaft:** Designed for manual adjustment or screwdriver adjustment for set-and-forget calibration. --- ### 3. Common Applications Due to its precision and wirewound nature, the 18AR-10-R is used in circuits where exact resistance and durability are required: 1. **Current Sensing:** Used as a variable shunt to calibrate current measurements. 2. **Voltage Dividers:** Providing a precise reference voltage in analog circuits. 3. **Industrial Controls:** Calibration of sensors or motor speed controllers where 10 ohms is a critical range. 4. **Audio Equipment:** High-end gain stage adjustments where low noise is required. --- ### 4. Identification Code Breakdown If we analyze the code `18AR-10-R`: * **18:** Often refers to the physical size/series (e.g., 7/8" diameter). * **AR:** Designates the series model (Standard Precision). * **10:** The Resistance value in Ohms. * **R:** Compliance/Mounting indicator.
    ✨ Follow-up Questions
    • ⤷ What is the temperature coefficient for wirewound potentiometers like the 18AR series?
    • ⤷ Can this component be used in high-frequency AC circuits?
    • ⤷ What are the direct equivalents for the 18AR-10-R from other manufacturers?