18AR-35-R
AI

The **18AR-35-R** refers to a high-precision, precision-wound power resistor, typically manufactured by companies like **Isabellenhütte** (specifically the **PBV** or **AR** series derivatives). These components are engineered for applications requiring high stability and low resistance values.
---
### 1. Part Number Breakdown (Typical)
While naming conventions can vary slightly by manufacturer, the code generally follows this logic:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **18AR** | Series/Package | Refers to the physical form factor (often a TO-220 or power-bond style). |
| **35** | Power Rating | Typically indicates a **35 Watt** power dissipation (with heat sink). |
| **R** | Resistance | Indicates the resistance value (often used as a decimal placeholder). |
### 2. Technical Specifications
These parts are designed for "Current Sensing" and "Power Shunt" applications.
| Feature | Specification (Standard) |
| :--- | :--- |
| **Resistance Range** | Usually between 0.001Ω and 100Ω |
| **Tolerance** | Highly precise (±0.1% to ±1%) |
| **Temperature Coefficient** | Low TCR (e.g., < 30 ppm/K) |
| **Mounting Type** | Through-hole (often 2 or 4-terminal Kelvin connection) |
| **Cooling** | Requires a heatsink for maximum power rating |
### 3. Key Electronic Characteristics
* **Four-Terminal (Kelvin) Connection:** Many parts in this series use four leads. Two leads carry the main current, while the other two measure the voltage drop. This eliminates the resistance of the leads themselves from the measurement, ensuring extreme accuracy.
* **Inductance:** These are designed to be "non-inductive," making them ideal for high-frequency switching power supplies or fast pulse applications.
* **Stability:** They exhibit excellent long-term stability under heavy load, meaning the resistance value does not drift significantly over thousands of hours of use.
### 4. Common Applications
* **Power Supplies:** Used as a feedback element to regulate output current.
* **Battery Management Systems (BMS):** Measuring charge/discharge cycles in electric vehicles or UPS systems.
* **Motor Control:** Monitoring current flow to prevent over-torque or stalls.
* **Test & Measurement:** Used in laboratory-grade shunt bridges.
---
### Example Circuit Integration
```cpp
// Logic for Current Sensing using a Shunt (like 18AR-35)
float resistance = 0.010; // 10 mOhms
float voltageDrop = analogRead(A0) * (5.0 / 1023.0);
float current = voltageDrop / resistance; // I = V / R
```
- ⤷What is the difference between a 2-terminal and a 4-terminal resistor connection?
- ⤷ How do I calculate the heat sink requirements for a 35W resistor?
- ⤷ Are there alternative manufacturers for the 18AR series?