전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18AR-60-R

  • AI
    The **18AR-60-R** is a specific electronic component, most commonly identified as a **high-precision, wirewound potentiometer** or a specialized **rotary sensor/resistor** manufactured by brands like *Sakae* or similar precision instrument companies. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The part number typically follows a standard convention for precision potentiometers. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Wirewound Potentiometer | | **Model Series** | 18AR (18mm Diameter / Anti-Rotation) | | **Resistance Value** | 60 Ohms (Indicated by the "60") | | **Tolerance** | ±5% (Standard for R-series) | | **Power Rating** | 1.0W to 2.0W (at 40°C) | | **Rotation Type** | Single-turn (Continuous or with Stops) | --- ### 2. Key Electronic Features * **Wirewound Technology:** The resistive element is made of a fine metal wire wound around a mandrel. This provides high stability, excellent power handling, and a low temperature coefficient. * **Precision Linearity:** These parts are designed for control systems where the output voltage must strictly correlate to the physical angle of the shaft. * **The "R" Suffix:** In many Japanese and industrial numbering systems, "R" indicates a specific **Terminal Configuration** (e.g., Rear terminals) or a **Reverse Taper**, though in the 18AR series, it often denotes a specific mounting style or a RoHS compliance marker. * **Low Noise:** Because it is wirewound, it has low electrical noise (CRV - Contact Resistance Variation) compared to carbon film alternatives. --- ### 3. Physical & Mechanical Construction | Feature | Description | | :--- | :--- | | **Housing** | Typically Aluminum or high-grade reinforced plastic. | | **Shaft Material** | Stainless Steel or Brass. | | **Mounting** | Bushing mount (threaded nut) with an anti-rotation pin. | | **Terminals** | Solder-lug or Gold-plated pins for reliable connectivity. | --- ### 4. Common Applications Due to its precision, the 18AR-60-R is rarely found in consumer electronics and is instead used in: 1. **Industrial Controls:** Setting parameters in heavy machinery. 2. **Medical Equipment:** Calibrating sensors or controlling mechanical arms. 3. **Avionics:** Precision feedback mechanisms in cockpit instrumentation. 4. **Test & Measurement:** Used as a variable bridge element in laboratory equipment. --- ### 5. Schematic Symbol In an electronic circuit diagram, it is represented as a standard three-terminal variable resistor: ```text (2) Wiper ^ | (1) o--\/\/\/\--o (3) Resistance Track (60Ω) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact rotational life (cycle count) for the 18AR series?
    • ⤷ Can this part be substituted with a 18AR-100-R in a 60-ohm circuit?
    • ⤷ What are the environmental sealing ratings (IP ratings) for this component?