전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18AS2-35-R

  • AI
    The **18AS2-35-R** is a specific electronic component, primarily identified as a **High-Power Attenuator**. These devices are used in RF (Radio Frequency) and microwave engineering to reduce the power level of a signal without significantly distorting its waveform. --- ### Technical Specifications Based on the standard nomenclature for this part series, here are the technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Attenuation Value** | 35 dB | | **Frequency Range** | DC to 18 GHz (typically) | | **Power Rating** | 2 Watts (Average CW) | | **Connector Type** | SMA (Male to Female) | | **Impedance** | 50 Ohms | | **Directionality** | Bidirectional (usually) | --- ### Key Internal Components The 18AS2-35-R is comprised of several critical electronic sub-parts: 1. **Resistive Element:** The heart of the device, usually a thin-film or thick-film resistor deposited on a ceramic substrate (like Alumina or Beryllium Oxide). This converts excess RF energy into heat. 2. **Housing/Body:** Typically made of stainless steel or passivated aluminum. It acts as both a mechanical shield and a **heat sink** to dissipate the energy absorbed by the resistors. 3. **Dielectric Insulators:** Usually made of PTFE (Teflon), these hold the center conductor in place while maintaining the 50-ohm characteristic impedance. 4. **Connectors:** High-precision SMA connectors ensure low VSWR (Voltage Standing Wave Ratio) and a secure physical connection to the rest of the signal chain. --- ### Common Applications * **Power Leveling:** Protecting sensitive measurement equipment (like Spectrum Analyzers) from high-power signals that could damage the input circuitry. * **Impedance Matching:** Placed between two mismatched components to reduce the effects of reflections. * **Signal Sampling:** Used in test benches to drop a signal to a level suitable for monitoring. --- ### Summary of Part Number Breakdown * **18:** Often refers to the upper frequency limit (18 GHz). * **AS:** Attenuator Series (SMA). * **35:** The attenuation value in decibels (dB). * **R:** Usually denotes RoHS compliance (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak power this attenuator can handle compared to its 2W average rating?
    • ⤷ How does temperature affect the 35dB attenuation accuracy?
    • ⤷ Are there 18AS2 models with N-type connectors instead of SMA?