전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18AS2-A2-R

  • AI
    The **18AS2-A2-R** is a specific electronic component, typically categorized as a **Micro-Switch** or **Precision Snap-Action Switch**. These parts are commonly used in industrial controls, appliances, and automotive systems where a reliable, tactile physical interface is required to open or close a circuit. --- ### 1. Key Technical Specifications Based on standard nomenclature for the 18AS series (often associated with brands like Honeywell or local manufacturers), here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Snap-Action / Micro-Switch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 5A to 15A (depending on voltage) | | **Voltage Rating** | 125V / 250V AC | | **Actuator Type** | Pin Plunger or Lever (A2 usually denotes actuator style) | | **Termination** | Solder terminals or Quick Connect | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Components The internal and external architecture of the 18AS2-A2-R consists of several critical parts: 1. **Housing:** Made of high-temperature thermoset plastic or phenolic resin to prevent melting during high-current operations. 2. **Actuator (Plunger/Lever):** The "A2" designation usually refers to the specific mechanical interface that the user or a machine presses. 3. **Contacts:** Usually made of silver or gold-plated alloys to ensure low electrical resistance and high durability. 4. **Spring Mechanism:** A precision "snap" spring that ensures the transition between states (ON/OFF) happens instantly, regardless of how slow the actuator is pressed. --- ### 3. Part Number Breakdown While manufacturer codes vary slightly, the breakdown generally follows this logic: * **18AS:** Series designation (Standard Micro-switch series). * **2:** Operating force or contact arrangement code. * **A2:** Actuator style (often signifies a specific lever length or plunger type). * **R:** RoHS Compliant (Lead-free and environmentally friendly). --- ### 4. Common Applications * **Safety Interlocks:** Ensuring a microwave door or industrial machine guard is closed before operation. * **Limit Switching:** Detecting the end-of-travel for a motorized gate or 3D printer axis. * **User Interface:** Heavy-duty push buttons for industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷What are the specific mounting dimensions for the 18AS2 series?
    • ⤷ Can this switch be used in DC applications
    • ⤷ and what is the derating?
    • ⤷ Is there a waterproof (IP67) version of this specific part?