전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18AT-12-R

  • AI
    The **18AT-12-R** is a specific model of an **RF Fixed Attenuator**. It is primarily used in telecommunications, testing labs, and signal processing to reduce the power of a signal without significantly distorting its waveform. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The part number typically indicates the following parameters: **18** (Frequency range up to 18 GHz), **AT** (Attenuator), **12** (12 dB attenuation value), and **R** (RoHS compliant). | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Frequency Range** | DC to 18 GHz | | **Attenuation Value** | 12 dB | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | Usually SMA (Male/Female) | | **Power Rating** | Typically 2 Watts (Average) | --- ### 2. Key Electronic Functions The 18AT-12-R performs three primary functions within an electronic circuit: 1. **Power Reduction:** It reduces the input signal by exactly 12 decibels (dB). This is crucial when a signal source is too strong for a sensitive receiver. 2. **Impedance Matching:** By providing a consistent 50-ohm load, it helps minimize reflections (VSWR) between different components in a system. 3. **Isolation:** It acts as a buffer between two stages of an RF circuit, preventing the output of one device from negatively affecting the input of another. --- ### 3. Construction and Materials To handle high frequencies up to 18 GHz, the internal parts are precision-engineered: * **Resistive Element:** Uses high-stability thin-film or thick-film resistors on a ceramic substrate (like Alumina). * **Housing:** Typically stainless steel or passivated gold-plated brass to ensure durability and excellent shielding against EMI (Electromagnetic Interference). * **Dielectric:** High-quality PTFE (Teflon) to maintain low signal loss and high-speed propagation. --- ### 4. Typical Applications * **Lab Testing:** Protecting expensive spectrum analyzers by dropping the signal power. * **Satellite Communications:** Adjusting signal levels in high-frequency up-converters. * **Radar Systems:** Fine-tuning the gain stages in microwave transmission lines. ---
    ✨ Follow-up Questions
    • ⤷What is the VSWR rating for the 18AT-12-R at 18 GHz?
    • ⤷ How does temperature affect the attenuation accuracy of this part?
    • ⤷ Can this attenuator handle peak power pulses higher than 2 Watts?