전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18AT-43-R

  • AI
    ## Technical Overview of the 18AT-43-R The **18AT-43-R** is a specific electronic component, typically categorized as a **surface-mount (SMD) power inductor** or a specialized **RF component**, depending on the manufacturer (most commonly associated with brands like Toko/Murata or similar power electronics suppliers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on standard industry nomenclature for this series, here are the typical technical parameters: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance** | 43 $\mu$H (Microhenries) | | **Tolerance** | $\pm$10% to $\pm$20% | | **Mounting Type** | Surface Mount Device (SMD) | | **Shielding** | Often Shielded (to minimize EMI) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Physical Characteristics The "18" in the prefix usually refers to the physical footprint or series size. * **Form Factor:** Low-profile rectangular or square body. * **Termination:** Solder pads located on the bottom of the component for pick-and-place assembly. * **Construction:** Ferrite core winding, often encapsulated in a resin or magnetic shield to prevent electromagnetic interference with neighboring components. --- ### 3. Key Performance Metrics When integrating the 18AT-43-R into a circuit, engineers focus on these three electrical limits: 1. **DC Resistance (DCR):** The internal resistance of the wire. A lower DCR is preferred to reduce power loss as heat. 2. **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 30%). Exceeding this causes the inductor to lose its properties. 3. **RMS Current ($I_{rms}$):** The continuous current the part can handle without exceeding a specific temperature rise (usually 40°C). --- ### 4. Common Applications These parts are widely used in power management and signal conditioning: * **DC-DC Converters:** Used for energy storage in buck or boost converters. * **Voltage Regulator Modules (VRMs):** Found in laptops and servers. * **EMI Filtering:** Used in power lines to smooth out ripples and reduce noise. * **LED Drivers:** Providing constant current for lighting applications. --- ### 5. Part Number Breakdown While manufacturer codes vary slightly, the string usually follows this logic: ```text 18 - AT - 43 - R | | | | Size Series Value RoHS/Tape & Reel Code (43uH) ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 18AT-43-R?
    • ⤷ What is the typical saturation current for this specific inductor?
    • ⤷ Can this part be used in high-frequency RF applications or is it strictly for power?