전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18JT-166-R

  • AI
    The **18JT-166-R** is a specific part number typically associated with **RJ45 Jack Connectors**, often integrated with magnetic components (MagJack). These are widely used in networking hardware to provide physical connectivity and signal conditioning for Ethernet interfaces. ### Technical Overview | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Mounting Type** | Through-Hole (THT) / Right Angle | | **Shielding** | Shielded (Metal Housing) | | **Speed** | 10/100/1000 Base-T (Gigabit Ethernet Support) | | **Magnetics** | Integrated Transformers and LEDs | | **RoHS Status** | Compliant (R suffix often denotes RoHS) | --- ### Core Components and Functionality The "JT" series from manufacturers like **Link-PP** or **YDS** generally includes the following internal sub-components: #### 1. Integrated Magnetics Unlike a standard phone jack, the 18JT-166-R contains miniature toroidal transformers and common-mode chokes. These serve three purposes: * **Isolation:** Protects the sensitive PHY chip from high-voltage surges on the network cable. * **Impedance Matching:** Ensures maximum signal power transfer between the cable and the PCB. * **EMI Suppression:** Filters out high-frequency noise to ensure data integrity. #### 2. LED Indicators Most variations of this part include integrated LEDs (usually Green and Yellow) at the front of the jack. * **Green:** Typically indicates a "Link" status. * **Yellow:** Typically indicates "Activity" (flashing during data transfer). #### 3. Mechanical Shielding The component is encased in a copper alloy or nickel-plated brass shell. This provides a path to ground for electromagnetic interference (EMI) and prevents the connector from acting as an antenna. --- ### Pin Configuration (Typical) | Pin # | Function (Ethernet) | Description | | :--- | :--- | :--- | | 1 - 8 | Signal Pins | Connect to the Ethernet PHY chip via the PCB traces. | | 9 - 12 | LED Pins | Control pins for the front-facing Status LEDs. | | Shell | Chassis Ground | Connects the metal shield to the system ground. | --- ### Applications * **Networking Equipment:** Routers, Switches, and Hubs. * **Industrial PC:** Motherboards and embedded systems. * **IoT Gateways:** Devices requiring wired internet stability.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 18JT-166-R?
    • ⤷ Which manufacturers produce equivalents to this RJ45 connector?
    • ⤷ Does this part support Power over Ethernet (PoE)?