전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18KJM-166-R

  • AI
    The **18KJM-166-R** is a specific part number typically associated with high-performance **Magnetic Modular Jacks (MagJacks)** or RJ45 connectors with integrated magnetics. These components are primarily used in networking hardware to interface between the Physical Layer (PHY) chip and the Ethernet cable. ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like **UDE** or **Foxconn**), the "18KJM" series generally follows these technical parameters: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Port Configuration** | 1x1 (Single Port) | | **Orientation** | Right Angle (Through-Hole) | | **Data Rate Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Shielding** | Metal Shield with EMI fingers | | **LEDs** | Often integrated (usually Green/Yellow) | --- ### 2. Key Electronic Components Inside The "MagJack" is not just a plastic connector; it contains a tiny PCB inside with several passive components: * **Isolation Transformers:** Provides 1500V AC isolation to protect the sensitive internal circuitry from external electrical surges or static on the network line. * **Common Mode Chokes:** These are used to filter out Electromagnetic Interference (EMI) and noise, ensuring signal integrity over long cable runs. * **Termination Resistors:** Usually 75-ohm resistors (Bob Smith Termination) used to reduce impedance mismatches and EMI. * **High-Voltage Capacitors:** Typically 1000pF/2kV capacitors to shunt common-mode noise to the chassis ground. --- ### 3. Application Areas This part is commonly found in the following electronic devices: 1. **Network Switches/Routers:** Providing the physical interface for LAN ports. 2. **Industrial PCs:** Used in rugged environments where EMI shielding is critical. 3. **Embedded Systems:** Microcontroller boards (like those using STM32 or NXP chips) that require an Ethernet peripheral. 4. **Gaming Consoles:** High-speed data transfer interfaces. --- ### 4. Technical Precautions * **Footprint Compatibility:** Always check the PCB landing pattern, as the pinout for the LEDs and the signal pins can vary between "R" (Tab Up) and standard (Tab Down) versions. * **PoE (Power over Ethernet):** Check the specific suffix to see if this model supports PoE. Standard models without specific internal wiring will not handle PoE power loads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Tab-Up and Tab-Down RJ45 connectors?
    • ⤷ How do I test the signal integrity of a MagJack like the 18KJM-166-R?
    • ⤷ Can this part be used for 10-Gigabit Ethernet applications?