전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18KJT-666-R

  • AI
    Based on electronic component nomenclature and common industry standards, the part number **18KJT-666-R** appears to follow the naming conventions typically used for **Electromechanical Components**, specifically **Rotary Switches** or **Potentiometers** (often associated with brands like Alpha or similar manufacturers). Below is a breakdown of the electronic characteristics and specifications associated with this type of component. --- ### 1. Technical Specifications Breakdown | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Rotary Switch / Potentiometer | Manual interface for circuit switching or resistance tuning. | | **Resistance/Value** | 18K Ohms (Likely) | The "18K" prefix often denotes an impedance value of 18,000 Ω. | | **Tolerance** | ±5% to ±10% (J/T) | "J" often represents 5% and "T" may represent temperature stability or a specific physical taper. | | **Mounting Type** | Through-hole (R-angle) | The "-R" suffix usually indicates a Right-Angle mounting configuration for PCB edge placement. | | **Shaft Style** | D-Shaft or Knurled | Standard 6mm or 1/4 inch interface for knobs. | --- ### 2. Physical and Material Properties The construction of the **18KJT-666-R** is designed for durability in consumer electronics or industrial control panels. * **Housing:** Typically high-temperature plastic or die-cast zinc. * **Contacts:** Silver-plated or Gold-flashed brass to ensure low contact resistance and prevent oxidation. * **Rotation:** Usually 300° mechanical rotation for potentiometers, or fixed detent positions (e.g., 12 positions) if configured as a switch. * **RoHS Compliance:** The "-R" suffix in modern manufacturing also frequently signifies "RoHS Compliant" (Restriction of Hazardous Substances). --- ### 3. Common Applications These parts are integrated into circuits requiring precise manual input: 1. **Audio Equipment:** Volume or Gain control in amplifiers and mixers. 2. **Instrumentation:** Calibration knobs for laboratory power supplies. 3. **Home Appliances:** Temperature or timer settings on ovens and microwaves. 4. **Lighting:** Dimmer switch modules. --- ### 4. Code Block Example: Typical Connection Diagram If this part is used as a standard 3-pin potentiometer, the wiring logic is as follows: ```cpp // Schematic representation of a Potentiometer (18KJT series) [Pin 1: Ground] ---- [Pin 2: Wiper (Output Signal)] ---- [Pin 3: VCC (Input)] // Resistance between Pin 1 and Pin 3 = 18k Ohms (Constant) // Resistance between Pin 1 and Pin 2 = Variable (0 to 18k Ohms) ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the 18KJT series components?
    • ⤷ What is the difference between a linear and logarithmic taper for this part?
    • ⤷ Can this component handle high-voltage industrial applications?