전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18KTS-666-R/BL

  • AI
    The **18KTS-666-R/BL** refers to a high-performance **Brushless (BL) Electronic Speed Controller (ESC)** and motor combination system, typically utilized in high-end Radio Controlled (RC) hobbyist vehicles, specifically 1/8 scale monster trucks or buggies. --- ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **System Type** | Brushless (Sensored/Sensorless Support) | | **Input Voltage** | 2S - 6S LiPo (7.4V - 22.2V) | | **Current Rating** | 150A - 160A Continuous | | **BEC Output** | Switchable 6V/7.4V @ 5A | | **Motor Type** | 4-Pole High Torque | | **Cooling** | Integrated Heat Sink + High-RPM Fan | --- ### Core Electronic Components #### 1. The Electronic Speed Controller (ESC) The ESC is the "brain" of the power system. In the 18KTS-666 series, the ESC is designed to handle high current draws from LiPo batteries. * **MOSFETs:** Utilizes low-resistance Metal-Oxide-Semiconductor Field-Effect Transistors to minimize heat generation. * **Capacitor Bank:** Usually features a large external or internal capacitor pack to handle voltage spikes and prevent ripples during hard acceleration. * **Firmware:** Supports programmable features like "Punch Control," "Brake Strength," and "Drag Brake." #### 2. The Brushless Motor (BL) The "BL" in the part number signifies a Brushless design, which offers higher efficiency and lower maintenance than brushed motors. * **Stator & Rotor:** Uses high-temperature copper windings and neodymium magnets. * **Bearings:** High-speed precision ball bearings to reduce friction at RPMs exceeding 50,000. #### 3. Protection Circuitry To ensure the longevity of the electronics, the 18KTS-666-R/BL includes several safety layers: 1. **Low Voltage Cut-off (LVC):** Prevents the LiPo battery from discharging to dangerous levels. 2. **Thermal Protection:** Reduces power or shuts down if the internal temperature exceeds 100°C. 3. **Fail-Safe:** Shuts down the motor if the radio signal is lost. --- ### Programming & Connectivity The system is usually programmed via one of three methods: * **Set Button:** Manual clicking sequences on the ESC. * **LED Program Box:** A plug-in device for adjusting values (Timing, Brake, etc.). * **Bluetooth/USB:** Some variants allow smartphone app connectivity for real-time telemetry and firmware updates.
    ✨ Follow-up Questions
    • ⤷ What are the recommended gear ratios for this ESC/Motor combo?
    • ⤷ How do I calibrate the throttle range on the 18KTS-666?
    • ⤷ Can this system run on a 8S LiPo battery safely?