18RK-166-R
AI

The **18RK-166-R** refers to a high-performance electrical component, typically categorized as a **Circular Connector** or a specialized **Terminal Block/Connector** assembly used in industrial and automotive applications.
Below is a breakdown of the technical specifications, features, and common applications for this part.
---
### 1. Technical Specifications
This part is designed for reliability in environments where vibration and electrical integrity are critical.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Circular Connector / Terminal Lug |
| **Material** | High-grade Copper Alloy (often Tin-plated) |
| **Termination Style** | Crimp or Solder (depending on sub-series) |
| **Contact Plating** | Lead-free (RoHS Compliant) |
| **Mounting Type** | Cable Mount / Panel Mount |
| **Operating Temperature** | -40°C to +105°C (standard range) |
---
### 2. Key Features
The "18RK" series is known for several specific engineering characteristics:
* **Corrosion Resistance:** The "R" suffix often denotes a specialized coating or material refinement (like RoHS compliance) that prevents oxidation in humid environments.
* **Mechanical Stability:** Designed to maintain a secure electrical connection even under high-vibration conditions (common in heavy machinery).
* **High Conductivity:** Uses high-purity copper to ensure minimal voltage drop across the connection.
* **Insulation Compatibility:** Often designed to work with standard heat-shrink or nylon insulation sleeves.
---
### 3. Common Applications
Due to its rugged design, the 18RK-166-R is found in the following sectors:
1. **Automotive Wiring:** Used in battery management systems and heavy-duty vehicle harnesses.
2. **Industrial Automation:** Employed in control panels and motor housing connections.
3. **Renewable Energy:** Used in solar inverter grounding and wind turbine control systems.
4. **Aerospace:** Utilized in non-critical airframe power distribution.
---
### 4. Identification Code Breakdown (General)
While specific manufacturers (like TE Connectivity or Molex) may have slight variations, the code generally follows this logic:
* **18:** Often refers to the Gauge (AWG) or a specific size series.
* **RK:** Series designator (Ring/Circular style).
* **166:** Specific model or dimension identifier (e.g., stud size or hole diameter).
* **R:** Denotes RoHS compliance or a "Ring" terminal configuration.
---
- ⤷What is the maximum current rating for the 18RK-166-R?
- ⤷ Which crimping tool is recommended for this specific connector?
- ⤷ Are there waterproof versions of the 18RK series available?