전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18TS-066-R

  • AI
    The **18TS-066-R** is a specific part number typically associated with a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical input mechanism. --- ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (common manufacturers for this series include companies like *XKB Connectivity* or *HRO*), the general parameters for the 18TS-066-R are as follows: | Feature | Specification | |:---|:---| | **Type** | Momentary Tactile Switch | | **Mounting Type** | Through-Hole (DIP) | | **Dimensions** | 6.0mm x 6.0mm (Base) | | **Height** | Variable (often indicated by the suffix, usually around 5mm to 9.5mm) | | **Operating Force** | 160gf to 250gf (Grams-force) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ | | **Travel Distance** | 0.25mm ± 0.1mm | --- ### 2. Key Features and Design * **Tactile Feedback:** The switch provides a distinct "click" feel and audible sound when pressed, confirming to the user that the circuit has been closed. * **Momentary Action:** The electrical connection is only made while the button is being held down. Once released, the switch returns to its "Normally Open" (NO) state. * **4-Pin Layout:** Although it is a single-pole single-throw (SPST) switch, it usually has 4 pins. Two pins are connected internally on each side to provide mechanical stability on the PCB. * **Durability:** Most switches in this series are rated for 100,000 to 500,000 cycles. --- ### 3. Pinout and Circuit Representation In a standard 6x6mm tactile switch like the 18TS-066-R, the pins are arranged in pairs. ```text [ Pin 1 ]---(Internal)---[ Pin 2 ] | | (Switch) (Switch) | | [ Pin 3 ]---(Internal)---[ Pin 4 ] ``` * **Pins 1 and 2** are permanently connected. * **Pins 3 and 4** are permanently connected. * Pressing the button connects the **1-2 pair** to the **3-4 pair**. --- ### 4. Common Applications * **Consumer Electronics:** Volume buttons, power buttons on monitors, and reset buttons. * **Prototyping:** Frequently used with Arduino or Raspberry Pi on breadboards. * **Household Appliances:** Microwave control panels, washing machine interfaces. * **Input Devices:** Keyboards, remote controls, and game controllers. --- ### 5. Part Number Breakdown (Generic) | Segment | Meaning | |:---|:---| | **18TS** | Product Series (Tactile Switch) | | **066** | Size Code (6.0mm x 6.0mm) | | **-R** | Often denotes "RoHS Compliant" or "Tape & Reel" packaging |
    ✨ Follow-up Questions
    • ⤷ What is the footprint size required for soldering this switch onto a PCB?
    • ⤷ Can this switch handle AC voltage applications?
    • ⤷ What are the common failure modes for tactile switches like the 18TS-066-R?