전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 18TS-366-R/BL

  • AI
    The **18TS-366-R/BL** refers to a specific series of miniature high-precision tactile switches. These components are commonly used in consumer electronics, automotive interfaces, and medical devices due to their compact size and reliable feedback. --- ### 1. Technical Specifications Below are the general specifications for this class of tactile switch: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Actuation Force** | Typically 160gf to 260gf | | **Voltage Rating** | 12V DC | | **Current Rating** | 50mA | | **Illumination** | Non-Illuminated (Standard) | --- ### 2. Physical Characteristics The part number suffix often denotes specific physical attributes: * **Size:** Usually falls within the 6x6mm or 3x3mm footprint categories. * **Stem Height:** The "366" designation typically refers to a specific plunger or stem height (e.g., 3.1mm to 3.5mm), which dictates how far the button protrudes from the PCB. * **Color Coding:** The **R/BL** suffix often indicates the color of the actuator (Red/Black) or the packaging type (Reel/Bulk). --- ### 3. Internal Construction A tactile switch consists of four primary internal components: 1. **Cover:** Protects the internal mechanism (usually metal or high-temp plastic). 2. **Plunger:** The part the user presses; it transfers force to the dome. 3. **Contact Dome:** A metal "snap" dome that provides the tactile "click" and completes the circuit. 4. **Base:** Contains the terminals and houses the internal contacts. --- ### 4. Circuit Example Tactile switches are used to signal a microcontroller (like an Arduino or ESP32). A standard wiring configuration uses a pull-up resistor to ensure a stable logic state. ```cpp // Example: Reading the state of a tactile switch const int switchPin = 2; // Connected to the 18TS-366 terminal void setup() { pinMode(switchPin, INPUT_PULLUP); // Use internal resistor Serial.begin(9600); } void loop() { int state = digitalRead(switchPin); if (state == LOW) { Serial.println("Switch Pressed"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact height of the 18TS-366 plunger?
    • ⤷ Is this switch available in a waterproof (IP67) version?
    • ⤷ What is the recommended soldering temperature for the 18TS-366-R?