전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 19418-0029..

  • AI
    The part number **19418-0029** refers to a high-performance industrial connector housing manufactured by **Molex**. It is part of the **MX150L™** Sealed Connector System. ### 1. General Specifications The 19418-0029 is a receptacle housing designed for use in harsh environments where moisture and debris are present. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Molex | | **Series** | MX150L (19418 Series) | | **Product Type** | Receptacle Housing (Female) | | **Number of Circuits** | 6 | | **Number of Rows** | 2 | | **Pitch (Mating Interface)** | 5.84mm (0.230") | | **IP Rating** | IP67 (Waterproof/Dustproof) | --- ### 2. Key Features and Construction * **Integrated Seals:** It features a pre-assembled mat-seal and an interfacial seal. This eliminates the need for individual cable seals, reducing assembly time. * **TPA (Terminal Position Assurance):** It includes a secondary lock to ensure that the terminals are fully seated and to prevent them from backing out under vibration. * **Durability:** The housing is typically made of high-quality polyester (PBT), providing excellent resistance to chemicals and temperature fluctuations. * **No-Tooling Required:** The TPA can be seated without special tools, making it field-serviceable. --- ### 3. Electrical & Mechanical Properties * **Current Rating:** Capable of handling up to **18.0A** per contact (depending on wire gauge). * **Operating Temperature:** Ranges from **-40°C to +125°C**. * **Color:** Typically Black. * **Mating Part:** Typically mates with the **19419 series** plugs or **19429 series** PCB headers. --- ### 4. Common Applications Due to its ruggedized nature, this part is commonly found in: 1. **Marine Equipment:** Boat wiring and outboard motor controllers. 2. **Off-Road Vehicles:** ATVs, snowmobiles, and agricultural machinery. 3. **Industrial Automation:** Sensor connections in wash-down environments. 4. **Commercial Vehicles:** Trucking lighting and engine compartment wiring. --- ### 5. Compatible Terminals Note that the housing does not come with metal pins. You must purchase female terminals separately: * **Molex 19420 Series:** Female Crimp Terminals (available for 14-22 AWG wire sizes).
    ✨ Follow-up Questions
    • ⤷ Which specific female terminals are recommended for 14 AWG wire with this housing?
    • ⤷ What is the difference between the MX150 and the MX150L series?
    • ⤷ Can this connector be used for underwater applications permanently?