전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1AL-R

  • AI
    The code **1AL-R** typically refers to a specific marking on a surface-mount device (SMD), most commonly associated with a **Zener Diode** or a **Small Signal Transistor**, depending on the manufacturer and the package type (usually SOD-323 or SOT-23). Below is the detailed technical breakdown of this component. --- ## 1. Component Identification In the electronics industry, small components use "Marking Codes" because the full part number does not fit on the tiny casing. | Attribute | Specification | | :--- | :--- | | **Marking Code** | 1AL-R | | **Primary Component Type** | Zener Diode | | **Common Part Number** | BZT52C3V0 (or similar 3.0V Zener) | | **Package Type** | SOD-323 / SOT-23 | | **Configuration** | Single Diode | --- ## 2. Technical Specifications If this part is a **BZT52C3V0** (the most frequent match for the 1AL code), its electrical characteristics are as follows: ### Electrical Characteristics * **Zener Voltage ($V_z$):** 3.0V (Typical) * **Voltage Range:** 2.8V to 3.2V * **Power Dissipation ($P_d$):** 200mW to 500mW (depending on package) * **Forward Voltage ($V_f$):** ~0.9V at 10mA * **Operating Temperature:** -65°C to +150°C --- ## 3. Function and Common Uses The "1AL-R" component is primarily used for voltage regulation and circuit protection. ### Key Applications 1. **Voltage Clamping:** Prevents sensitive downstream components from seeing voltages higher than 3.0V. 2. **Reference Voltage:** Provides a stable 3V reference for analog-to-digital converters (ADCs) or operational amplifiers. 3. **ESD Protection:** Acts as a buffer against static electricity or minor surges in data lines. --- ## 4. How to Read the Code * **1A:** The specific identifier for the Zener voltage (3.0V). * **L:** Often a manufacturer-specific code (e.g., ON Semiconductor or Diodes Inc.) or a date/lot code. * **-R:** Usually indicates **RoHS Compliant** (Lead-free) or **Tape & Reel** packaging specification. --- ## 5. Equivalent Replacement Parts If you are looking for a replacement for a 1AL-R marked component, consider these industry standards: ```text 1. MMSZ5225B (3.0V Zener, SOD-123) 2. BZT52C3V0S (3.0V Zener, SOD-323) 3. UDZ3V0B (3.0V Zener, SOD-323) ``` > **Note:** Always verify the package size (SOD-123 is larger than SOD-323) before purchasing a replacement. ---
    ✨ Follow-up Questions
    • ⤷ How can I verify if a 1AL-R component is functional using a multimeter?
    • ⤷ What are the physical dimensions of the SOD-323 package?
    • ⤷ Is there a 5V version of this specific marking code?