전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1K5M5N-R

  • AI
    The part number **1K5M5N-R** refers to a specific type of **Current Sensing Resistor** (Shunt Resistor) typically used in power management and current measurement circuits. These components are designed to have very low resistance values to measure current flow by monitoring the voltage drop across them. ### 1. Key Technical Specifications Based on the standard nomenclature for this series (often associated with manufacturers like Isabellenhütte or similar high-precision brands), here are the typical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Metal Strip Current Sense Resistor | | **Resistance Value** | 1.5 mΩ (0.0015 Ohms) | | **Tolerance** | ±5% (indicated by 'J') or ±1% (indicated by 'F'), though 'M' often denotes ±20% in standard codes, in shunts it usually refers to specific material/temp coefficients. | | **Power Rating** | Typically 3W to 5W (depending on the physical size/package) | | **Package/Size** | Surface Mount Device (SMD) - often 2512 or 3920 equivalent | | **RoHS Status** | Compliant (indicated by the **-R** suffix) | --- ### 2. Internal Composition The "5N" and "M" segments of the part number often refer to the **Manganin** alloy used in the construction. * **Material:** Manganin (Copper-Manganese-Nickel alloy). * **Benefits:** This material provides a very low **TCR (Temperature Coefficient of Resistance)**, meaning the resistance remains stable even as the part heats up due to high current flow. * **Construction:** A solid metal plate welded to copper terminals to ensure high thermal conductivity and low inductance. --- ### 3. Common Applications These resistors are found in circuits where high current needs to be monitored without wasting significant power as heat. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **Motor Controllers:** Providing feedback for torque and speed control. * **DC-DC Converters:** Sensing output current for overcurrent protection. * **Automotive Electronics:** Used in power steering or braking systems. --- ### 4. Part Number Breakdown (Generalized) While manufacturers vary slightly, the code typically breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **1K5** | Resistance Value (1.5 mΩ) | | **M** | Tolerance (typically ±20% or a specific material code) | | **5N** | Power/Series designation (often 5 Watts or specific alloy) | | **-R** | Lead-free / RoHS Compliant | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 1.5mΩ resistor at 5W?
    • ⤷ How does a Manganin alloy improve current sensing accuracy compared to standard thick film resistors?
    • ⤷ Which specific manufacturer produces the 1K5M5N-R series?