전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2-06-R

  • AI
    The term **2-06-R** is a specific part number suffix or component identifier commonly used across several electronic manufacturers. Depending on the context, it usually refers to a **Power Inductor**, a **Relay**, or a **Fuse**. Below are the most common electronic parts associated with the code **2-06-R**: --- ## 1. Power Inductors (Common Context) In the electronics industry, specifically for brands like **Coiltronics (Eaton)**, the "R" suffix usually denotes "RoHS Compliant," and "06" refers to the physical size or series. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Power Inductor | | **Common Use** | DC-DC Converters, Voltage Regulator Modules | | **Material** | Ferrite Core with Copper Winding | | **Suffix "R"** | Lead-Free / RoHS Compliant | --- ## 2. Littelfuse / Circuit Protection In the context of circuit protection, numbers like **0206 (2-06)** often refer to specific series of fuses or fuse holders. * **Type:** Subminiature or Surface Mount Fuse. * **Function:** Designed to protect circuits from overcurrent conditions. * **Key Specs:** Rated Current (Amps), Interrupting Rating, and Nominal Cold Resistance. --- ## 3. General Part Number Breakdown When analyzing a part number like **2-06-R**, engineers typically break it down as follows: ### Structure Analysis: 1. **Prefix (2):** Often represents a product family or a specific material type (e.g., iron powder vs. ferrite). 2. **Body (06):** Usually indicates the **physical dimensions** (e.g., 6mm height or 6mm diameter) or the **Inductance value** code. 3. **Suffix (-R):** Almost universally stands for **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free. --- ## Troubleshooting & Identification If you are looking at a physical component and see **2-06-R**, check the following to confirm the part: * **LCR Meter Test:** If it shows low resistance and high inductance, it is an **Inductor**. * **Continuity Test:** If it shows near-zero ohms but breaks under high current, it is a **Fuse**. * **Visual Check:** If it is a small black or grey square/cylinder with two terminals, it is likely a **Surface Mount Inductor**. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is listed on the component or its packaging?
    • ⤷ What is the physical shape and size of the component you are looking at?
    • ⤷ Is this part being used in a power supply or a signal processing circuit?