전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2-Z1-R

  • AI
    In the context of electronics and electrical engineering, the alphanumeric code **2-Z1-R** typically refers to a specific wiring terminal or connection point within a schematic, often associated with safety relays or industrial control components (such as those from brands like Siemens, ABB, or Schneider). --- ### 1. Typical Component Identification In many industrial wiring standards (such as IEC or DIN standards), this code identifies the specific location or function of a terminal. | Part Segment | Common Interpretation | | :--- | :--- | | **2** | Often denotes the **Module Number** or **Channel Number** in a multi-channel safety device. | | **Z1** | Refers to a **Control Terminal** or an "Input/Output" designation for monitoring circuits. | | **R** | Usually stands for **Reset**, **Return**, or **Relay** contact. | ### 2. Common Application: Safety Relays This specific designation is frequently found on **Emergency Stop (E-Stop)** monitoring relays. Here is how it functions within a circuit: #### Technical Functionality * **Feedback Loop:** The "Z1" terminal is often part of the feedback or reset loop. It monitors the state of external contactors to ensure they have properly opened or closed before allowing the system to restart. * **Automatic vs. Manual Reset:** Depending on how **2-Z1-R** is bridged or wired to other terminals (like Z2), the device determines if it should reset automatically or require a manual push-button input. * **Signal Path:** In many Siemens SIRIUS series modules, the Z-terminals are used for "Monitored Start" functionality. ### 3. Connection Characteristics If you are looking at a physical part, the terminal will have these electrical characteristics: ```yaml Terminal_Type: Screw or Spring-loaded terminal Voltage_Rating: Typically 24V DC (Control Logic) Function: Monitoring / Reset Input Safety_Category: Up to SIL 3 / PLe (depending on the host module) ``` --- ### 4. Summary Table of Usage | Context | Meaning of "2-Z1-R" | | :--- | :--- | | **Safety Relay** | Channel 2, Feedback/Reset Input terminal. | | **Terminal Block** | Row 2, Terminal Z1, Right-side connection. | | **Custom PLC I/O** | A specific address mapping for a digital input return. | --- **Note:** Because "2-Z1-R" is a terminal designation rather than a standalone universal part number (like a resistor or capacitor), its exact meaning depends heavily on the **brand and model** of the equipment it is attached to.
    ✨ Follow-up Questions
    • ⤷ Which specific brand or model of device is this terminal located on?
    • ⤷ Are you trying to wire a manual reset or an automatic reset to this part?
    • ⤷ Do you need the wiring diagram for a specific safety relay series?