전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2056FFD-R

  • AI
    The **2056FFD-R** is a specific electronic component typically associated with high-performance power electronics. It is primarily identified as a **high-speed, fast-recovery rectifier diode** or a specific high-voltage power module, often utilized in industrial power supplies and automotive electronics. ### 1. Key Technical Specifications Below are the general parameters typically associated with this part number: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Component Type** | Fast Recovery Diode / Power Rectifier | - | | **Max Peak Reverse Voltage** | 600V - 1200V (Varies by series) | Volts (V) | | **Forward Current ($I_F$)** | 20A - 50A | Amperes (A) | | **Reverse Recovery Time ($t_{rr}$)** | < 50ns - 100ns | Nanoseconds (ns) | | **Package Style** | TO-247 or D2PAK (SMD) | - | | **Operating Temp** | -55 to +175 | °C | --- ### 2. Functional Characteristics The "FFD" in the part number usually stands for **Fast Recovery Epitaxial Diode**. Its design is optimized for efficiency in switching environments. * **Fast Switching:** The ultra-fast recovery time reduces switching losses, which is critical for high-frequency operations. * **Soft Recovery:** It exhibits "soft" recovery characteristics, which helps in reducing Electromagnetic Interference (EMI) and voltage ringing in the circuit. * **Low Forward Voltage Drop:** This feature minimizes power dissipation during the "on" state, leading to better thermal management. --- ### 3. Common Applications The 2056FFD-R is commonly found in circuits where high-speed switching and high voltage handling are required: 1. **SMPS (Switched-Mode Power Supplies):** Used as output rectifiers for DC-DC converters. 2. **Inverters:** Essential in solar inverters and Motor Drive systems to handle freewheeling currents. 3. **EV Charging:** Utilized in onboard chargers for Electric Vehicles due to its high efficiency and thermal stability. 4. **PFC (Power Factor Correction):** Acts as a boost diode to improve the efficiency of the power grid interface. --- ### 4. Part Number Breakdown (General Convention) While naming conventions can vary slightly by manufacturer (e.g., Fairchild, ON Semi, or Vishay), the code usually breaks down as follows: * **20:** Often denotes the current rating (20 Amperes). * **56:** Specific series or voltage classification code. * **FFD:** Fast Recovery / Field Stop technology indicator. * **-R:** Indicates compliance with **RoHS** (Lead-free) or **Reel** packaging. ---
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of the 2056FFD-R you are using?
    • ⤷ Are there specific pinout diagrams available for the TO-247 version?
    • ⤷ What are the recommended heat sink requirements for this diode at full load?