전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 21T2CD-R

  • AI
    The **21T2CD-R** appears to be a specific model or part number associated with **Industrial Resistance Elements** or **Power Resistors**, often used in heavy-duty electronic systems like motor control, braking units, or high-power load testing. Below is an explanation of the electronic components and characteristics typical for this category of hardware. --- ### 1. Component Overview These parts are generally **Wirewound Resistors** or **Edge-wound Resistors** designed for high power dissipation. They are built to convert excess electrical energy into heat efficiently. | Feature | Description | | :--- | :--- | | **Material** | Usually high-grade Chromium-Aluminum or Nickel-Chrome alloys. | | **Insulation** | Ceramic cores or heat-resistant composite mounts. | | **Structure** | Open-coil or ribbed design to maximize surface area for cooling. | | **Tolerance** | Typically ±5% to ±10% due to high-power nature. | ### 2. Technical Specifications (Typical) While exact specs vary by manufacturer, parts in the "21T" series generally follow these parameters: * **Power Rating:** Often ranging from 500W to several Kilowatts depending on the bank configuration. * **Ohmic Value:** Low resistance values (e.g., 1 $\Omega$ to 50 $\Omega$) for high current handling. * **Configuration:** * **"T":** Usually refers to a Tapped or Terminal configuration. * **"CD-R":** Often denotes a "Corrugated Design" for the Resistor, which increases the cooling rate. ### 3. Electronic Functionality The 21T2CD-R serves three primary electronic roles in a circuit: #### A. Dynamic Braking (DB) In Variable Frequency Drives (VFDs), when a motor slows down, it acts as a generator. The 21T2CD-R absorbs this "regenerative energy" and dissipates it as heat, preventing the VFD from over-voltage failure. #### B. Current Limiting Used during the "Inrush" period to protect sensitive electronic switches (like IGBTs or SCRs) from sudden surges of current when power is first applied. #### C. Load Testing Acts as a dummy load to test power supplies or batteries, ensuring they can provide stable voltage under heavy electronic stress. --- ### 4. Safety and Mounting Because these parts generate significant heat, they involve specific electronic installation requirements: 1. **Thermal Clearance:** Must be mounted away from heat-sensitive components (capacitors, CPUs). 2. **Ventilation:** Often requires forced-air cooling (fans) if used in continuous duty. 3. **Encapsulation:** Frequently housed in a perforated steel cage for physical protection.
    ✨ Follow-up Questions
    • ⤷ What is the specific Ohm and Wattage rating for your 21T2CD-R unit?
    • ⤷ Is this part being used in a VFD braking application?
    • ⤷ Are you looking for a replacement cross-reference for this part?