2295000-R
AI

The part number **2295000-R** typically refers to a specialized electronic connector assembly, most notably associated with high-speed connectivity solutions from manufacturers like **TE Connectivity**.
Below is a detailed breakdown of the technical specifications and components related to this part.
---
### 1. General Overview
The 2295000-R is a **QSFP28 (Quad Small Form-factor Pluggable 28)** cage assembly. It is designed to house transceiver modules used in high-speed networking equipment such as switches, routers, and servers.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | QSFP28 Cage Assembly |
| **Data Rate** | Up to 100 Gbps (4 x 25 Gbps) |
| **Port Configuration** | 1x1 (Single Port) |
| **Mounting Type** | Through-hole / Press-fit |
| **Termination Method** | Compliant Pin |
| **Thermal Management** | Includes Integrated Heat Sink |
| **EMI Shielding** | Internal EMI springs and external gaskets |
---
### 3. Key Electronic Components & Design Features
#### A. The Cage Structure
The "Cage" is a metal housing that provides mechanical support for the pluggable module. It is usually made of a copper alloy with nickel plating to ensure durability and electrical conductivity for grounding.
#### B. Thermal Management (Heat Sink)
Because 100G data transmission generates significant heat, the "R" suffix often denotes a specific configuration that includes a **Heat Sink**.
* **Material:** Aluminum or Copper.
* **Fin Style:** Pin fins or square fins to maximize airflow from the system fans.
#### C. EMI (Electromagnetic Interference) Protection
To maintain signal integrity at 100 Gbps, the part features:
* **EMI Springs:** These contact the bezel of the equipment to ensure a continuous ground path.
* **Shielding:** Prevents high-frequency noise from escaping the port or entering the system.
#### D. Light Pipes (Optional)
Depending on the specific sub-variation of the 2295000 series, these may include optical light pipes that channel light from LEDs on the PCB to the front panel to indicate link status and activity.
---
### 4. Typical Applications
* **Data Centers:** High-density networking switches.
* **Telecommunications:** Base stations and core routers.
* **Storage Systems:** High-speed SAN (Storage Area Network) arrays.
---
- ⤷
What is the difference between QSFP28 and standard QSFP connectors?
- ⤷ How does the press-fit mounting process work for these cages?
- ⤷ What are the specific heat sink height options for the 2295000 series?