AI

The **22AL-AE3-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These switches are designed for low-power, momentary signals used in user interface panels.
Below is a breakdown of the specifications, physical characteristics, and typical applications for this part.
---
### 1. Technical Specifications
The part number follows a standard nomenclature for UTC (Unisonic Technologies Co) or similar electronic hardware manufacturers.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Operating Force** | Typically 160gf to 250gf (Standard tactile feel) |
| **Current Rating** | ~50mA |
| **Voltage Rating** | 12V DC |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Physical Characteristics
The "AE3" and "R" suffixes usually denote the physical dimensions and the packaging method.
* **Actuator Height:** The "AE3" often refers to a specific stem height (e.g., 3.1mm or 3.5mm), allowing the button to protrude through a device casing.
* **Small Footprint:** Designed for high-density PCB layouts.
* **Tactile Feedback:** Provides a distinct "click" sound and physical sensation when pressed to confirm to the user that the connection was made.
* **Packaging (R):** The "R" suffix generally indicates **Tape & Reel** packaging, which is optimized for automated pick-and-place assembly lines.
---
### 3. Pinout and Circuitry
The device operates as a **Normally Open (NO)** switch.
1. **Resting State:** The circuit is open; no current flows.
2. **Actuated State:** When the button is pressed, the internal metal dome collapses, connecting the input and output terminals.
3. **Release:** The dome springs back, breaking the connection and returning the button to its original position.
---
### 4. Common Applications
Due to its small size and reliability, the 22AL-AE3-R is found in:
* **Consumer Electronics:** Power buttons on cameras, volume keys on tablets.
* **Industrial:** Reset switches on embedded controllers.
* **Computing:** Keyboards, mice, and peripheral interface buttons.
* **Home Automation:** Smart light switches and thermostat control panels.
---
- ⤷
What is the exact footprint dimensions (mm) for the 22AL-AE3-R?
- ⤷ Can this switch be used for high-voltage AC applications?
- ⤷ What are the recommended soldering temperature profiles for this SMD part?