전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2301-R-DD

  • AI
    The **2301-R-DD** typically refers to a high-performance **Step Motor Driver** or a specific **Digital Input/Output module** used in industrial automation. Based on common industry nomenclature (specifically related to manufacturers like Applied Motion Products or similar industrial control brands), here is the technical breakdown. --- ### ## 1. Overview of the 2301-R-DD The "2301" series is generally categorized as a **High-Bus Voltage Step Motor Driver**. It is designed to convert pulse and direction signals from a controller into high-power current to drive 2-phase stepper motors. ### ## 2. Technical Specifications The following table outlines the key electronic parameters: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 - 80 VDC | | **Output Current** | 0.2 - 3.0 Amps (Peak) | | **Microstepping** | Up to 1/64 step (Resolution) | | **Control Signal** | Pulse (Step) & Direction | | **Idle Current** | Automatic reduction (usually 50% after 1 second) | | **Protection** | Over-voltage, Under-voltage, Short-circuit | --- ### ## 3. Electronic Components & Features #### ### A. Logic Circuitry The "DD" in the suffix often denotes **Digital-to-Digital** isolation or specific **DIP Switch** configurations. * **Opto-isolation:** The input signals (Step, Dir, Enable) are optically isolated to prevent electrical noise from the motor power supply from damaging the sensitive PLC or microcontroller. * **DIP Switches:** Used for manual configuration of current limits and microstepping resolutions without needing software. #### ### B. Power Stage (H-Bridge) * Uses **MOSFET** or **IGBT** technology to handle high-frequency switching. * **Recirculation Diodes:** Protect the transistors from "Back EMF" (voltage spikes generated by the motor when it stops or slows down). #### ### C. Connectors 1. **Power Connector:** 2 pins (+VDC and Ground). 2. **Motor Connector:** 4 pins (A+, A-, B+, B-) for a 2-phase motor. 3. **Signal Connector:** High-density pins for Step, Direction, and Enable signals. --- ### ## 4. Wiring Diagram Concept ```mermaid graph LR Controller[PLC / Arduino] -- Pulse/Dir --> Driver[2301-R-DD] Power[24-80V PSU] --> Driver Driver --> Stepper[2-Phase Stepper Motor] ``` --- ### ## 5. Common Applications * **CNC Machinery:** Precision positioning for milling and routing. * **Automated Assembly:** Moving parts along a linear rail. * **3D Printing/Additive Manufacturing:** High-torque extrusion or axis control.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the required power supply wattage for this driver?
    • ⤷ What are the specific DIP switch settings for 1/16 microstepping?
    • ⤷ How does the 'R' in the model name differ from standard non-R models?