252012CDMCDDS-R47MC
AI

The **252012CDMCDDS-R47MC** is a surface-mount (SMD) power inductor commonly used in DC-DC converter applications. This part number follows a specific nomenclature used by manufacturers like **Sumida** or similar power component specialists.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **252012** | Case Size | Dimensions: 2.5mm (L) x 2.0mm (W) x 1.2mm (H) |
| **CDMCDDS** | Series Type | Molded power inductor (Metal alloy core) |
| **R47** | Inductance | 0.47 µH (Microhenries) |
| **M** | Tolerance | ±20% |
| **C** | Packaging/Special | Specific manufacturer internal code or reel type |
---
### 2. Key Technical Specifications
Based on the standard parameters for this class of molded inductor:
* **Inductance:** 0.47 µH
* **Construction:** Metal composite/molded type (provides high saturation current and low acoustic noise).
* **Operating Temperature:** Typically -40°C to +125°C.
* **Shielding:** Magnetically shielded (prevents electromagnetic interference with nearby components).
* **DC Resistance (DCR):** Very low (usually in the range of 15–25 mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High current handling capability before inductance drops, suitable for high-frequency switching.
---
### 3. Application Areas
This component is designed for compact electronic devices where space is limited but power efficiency is critical:
* **Mobile Devices:** Smartphones, tablets, and wearables.
* **Power Management:** DC-DC buck/boost converters.
* **Computing:** Laptops and SSD power rails.
* **IoT:** Low-power sensor nodes requiring efficient voltage regulation.
---
### 4. Advantages of Molded Inductors
Compared to traditional wire-wound ferrite inductors, the **CDMCDDS** series offers:
1. **High Current Density:** Can handle higher peak currents in a smaller footprint.
2. **Soft Saturation:** The inductance drops gradually rather than abruptly when current increases.
3. **Low EMI:** The molded construction acts as a natural shield.
---
- ⤷
What are the typical saturation current (Isat) and temperature rise current (Irms) ratings for this specific inductor?
- ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
- ⤷ What are the recommended soldering footprint dimensions for a 2520 size component?