전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 28-R0

  • AI
    The code **28-R0** is most commonly associated with a specific type of **high-power, low-resistance metal strip resistor** or a surface-mount (SMD) shunt resistor. Below is a detailed breakdown of the electronic specifications, typical construction, and applications for this part. --- ## 1. Technical Specifications In the context of power electronics, "28" often refers to the physical package size (e.g., 2817 or 2818 imperial), while "R0" indicates a specific resistance value or range. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Material** | Metal Alloy (Manganin or Ni-Cr) | | **Package Size** | 2817 or 2818 (7.1mm x 4.2mm approximately) | | **Resistance Value** | Often 0.1 mΩ to 500 mΩ (milliohms) | | **Power Rating** | 3 Watts to 5 Watts | | **Tolerance** | ±1% or ±5% | | **Operating Temperature** | -55°C to +170°C | --- ## 2. Part Number Breakdown When you see "28-R0" on a schematic or a component reel, it usually follows this logic: 1. **"28"**: Defines the **Form Factor**. It suggests the length of the component is roughly 0.28 inches (7.1mm). 2. **"R0"**: Represents the **Decimal Point** for the resistance value. * *Example:* `R005` means 0.005 Ohms (5mΩ). * *Example:* `R010` means 0.010 Ohms (10mΩ). --- ## 3. Key Electronic Functions These parts are not standard "load" resistors; they serve specific roles in a circuit: ### A. Current Sensing Because the resistance is extremely low, they are placed in series with a load. The voltage drop across the resistor is measured to calculate the current flowing through the circuit ($I = V/R$). ### B. Overcurrent Protection By monitoring the 28-R0 resistor, a microcontroller or power management IC (PMIC) can detect a short circuit and shut down the system to prevent damage. ### C. Heat Dissipation Due to the metal strip construction, these parts are designed to handle high current without melting, effectively dissipating heat through the PCB traces. --- ## 4. Common Applications * **Automotive:** Battery management systems (BMS) for electric vehicles. * **Industrial:** Motor controllers and power inverters. * **Consumer Electronics:** Laptop battery charging circuits and high-end power supplies. * **Telecommunications:** DC-to-DC converters. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation for a 28-R0 shunt resistor?
    • ⤷ What are the common manufacturers for this type of current sense resistor?
    • ⤷ What is the difference between a thick film and a metal strip resistor?