전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2AMPP2

  • AI
    The term **"2AMPP2"** typically refers to a high-speed, 2-channel, high-voltage operational amplifier (Op-Amp) evaluation board or a specific power module configuration (often associated with Apex Microtechnology or high-power industrial power supplies). Below is a breakdown of the electronic components and technical specifications associated with this type of power amplification hardware. --- ## 1. Technical Specifications Table | Feature | Typical Value | Description | | :--- | :--- | :--- | | **Channels** | 2 | Dual-channel configuration for stereo or bridge mode. | | **Output Current** | 2A to 30A+ | Depends on the specific power transistors used. | | **Voltage Supply** | Up to ±100V | High voltage rails for industrial applications. | | **Slew Rate** | 50V/µs - 100V/µs | Defines how fast the output responds to input changes. | | **Package Type** | Power SIP / DIP | Designed for heavy heat dissipation and PCB mounting. | --- ## 2. Key Internal Electronic Components ### A. Operational Amplifiers (Op-Amps) The heart of the module is a precision Op-Amp. In the "2AMPP" context, these are usually **High Voltage/High Current** versions (like the PA series). They take low-level signals and amplify them to drive heavy loads like motors or sonar transducers. ### B. Power Transistors (Output Stage) To handle 2 Amps or more of current, the module uses large power transistors: * **MOSFETs:** Chosen for high-speed switching and thermal stability. * **BJTs:** Chosen for high gain and linearity in analog amplification. ### C. Compensation Capacitors High-power circuits are prone to oscillation. External or internal **compensation capacitors** are used to stabilize the feedback loop, ensuring the output doesn't "ring" or vibrate uncontrollably. ### D. Protection Circuitry * **Current Limiting Resistors:** Prevent the device from burning out if a short circuit occurs. * **Diodes (Flyback):** Protect the transistors from inductive spikes (voltage kicks) when driving motors or coils. --- ## 3. Common Applications These parts are not found in consumer cell phones; they are industrial-grade components used in: 1. **Piezoelectric Driving:** Used in high-precision positioning (nanopositioning). 2. **Magnetic Deflection:** Controlling beams in scientific equipment (like electron microscopes). 3. **Industrial Audio:** Driving high-power transducers for sonar or ultrasonic cleaning. 4. **Motor Control:** Precise control of brush-type DC motors. --- ## 4. Example Wiring Logic ```python # Conceptual logic for a Power Amp Control (Microcontroller Interface) def set_amplifier_output(input_voltage): if input_voltage > MAX_SAFE_LIMIT: trigger_protection_relay() return "Safety Shutdown" else: # High power amp mirrors the low voltage input output_signal = input_voltage * GAIN_FACTOR return output_signal ```
    ✨ Follow-up Questions
    • What is the difference between a standard Op-Amp and a Power Op-Amp like the 2AMPP series?
    • How do you calculate the heat sink requirements for a 2A power module?
    • Can this component be used for driving inductive loads like solenoids?