전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2CTH-R

  • AI
    The **2CTH-R** refers to a specialized series of **high-voltage, high-current ceramic capacitors**, typically utilized in demanding power electronic applications. These components are often associated with brands like *Murata* or *TDK* and are engineered for stability in extreme electrical environments. --- ## 1. Technical Specifications Below are the typical electronic characteristics found in the 2CTH-R series: | Parameter | Typical Range / Value | | :--- | :--- | | **Material Class** | Class 1 or Class 2 Ceramic | | **Rated Voltage** | 1kV to 50kV (High Voltage) | | **Capacitance Range** | 100pF to 10,000pF (Model dependent) | | **Tolerance** | ±5%, ±10%, or ±20% | | **Mounting Type** | Through-hole (Bolt/Screw terminal or Radial Lead) | | **Operating Temp** | -25°C to +85°C or +105°C | --- ## 2. Key Electronic Features The "2CTH-R" designation usually implies specific construction features: ### A. Dielectric Material These parts often use **Strontium Titanate (SrTiO3)** or **Barium Titanate (BaTiO3)**. * **Low Dissipation Factor:** Ensures the part does not overheat during high-frequency switching. * **Voltage Stability:** The capacitance remains relatively stable even as the applied DC voltage increases. ### B. "R" Designation (RoHS Compliance) The "R" at the end of the part number typically signifies **RoHS Compliance**, meaning the part is manufactured without lead, cadmium, or mercury, meeting international environmental standards. ### C. Mechanical Design Most 2CTH-R parts are "Doorknob" or "Molded" capacitors. They feature: * **Encapsulation:** Epoxy resin coating to prevent electrical arcing (corona discharge). * **Terminals:** Metal screw terminals to handle high-current pulses without melting or vibrating loose. --- ## 3. Application Use-Cases Because of their high energy density and voltage ratings, these electronic parts are used in: 1. **Laser Power Supplies:** Handling the rapid discharge cycles required for gas or solid-state lasers. 2. **X-Ray Machines:** Filtering high-voltage DC to ensure image clarity. 3. **Induction Heating:** Serving in tank circuits to handle high reactive power (kVAR). 4. **Smart Grids:** Voltage dividers for monitoring high-voltage transmission lines. --- ## 4. Maintenance and Safety When working with 2CTH-R electronic parts, engineers must consider: * **Creepage Distance:** Ensuring enough space between terminals to prevent surface tracking. * **Discharge Time:** High-voltage capacitors can hold a lethal charge long after the power is turned off; bleed resistors are often required.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between Class 1 and Class 2 ceramic dielectrics in these capacitors?
    • ⤷ How do you calculate the required creepage distance for a 20kV 2CTH-R capacitor?
    • ⤷ Which manufacturers currently produce the 2CTH-R series or its equivalents?