전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2DM-R

  • AI
    ## Overview of the 2DM-R Digital Driver The **2DM-R** is a series of digital stepper motor drivers (commonly manufactured by JMC or similar brands) based on 32-bit DSP (Digital Signal Processing) technology. It is designed to drive 2-phase NEMA 17, 23, and 34 stepper motors with high precision and low noise. --- ### Key Electronic Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V - 48V DC | Recommended operating range for optimal torque. | | **Output Current** | 0.5A - 2.2A (Peak) | Adjustable via DIP switches to match motor rating. | | **Pulse Frequency** | Up to 200 kHz | Supports high-speed pulse inputs for rapid movement. | | **Logic Signal** | 5V / 24V Compatible | Usually requires a current-limiting resistor for 24V signals. | | **Microstep Resolution** | 400 - 25,600 | Steps per revolution for smooth motion. | --- ### Core Electronic Components & Architecture The 2DM-R utilizes several critical electronic systems to manage motor control: 1. **32-bit DSP Controller**: The "brain" of the driver. It calculates PID parameters in real-time, suppresses resonance, and optimizes the current loop to reduce motor heat and vibration. 2. **Optoisolators**: All input signals (PUL, DIR, ENA) are optically isolated. This protects the internal circuitry from high-voltage spikes and electromagnetic interference (EMI) coming from the controller/PLC. 3. **H-Bridge Power Stage**: High-efficiency MOSFETs are used to switch the power to the motor coils. These are designed with low RDS(on) to minimize heat generation. 4. **DIP Switches**: A bank of 8 switches on the side allows for hardware-level configuration of: * **SW1-SW3**: Dynamic current settings. * **SW4**: Standstill current (Half-current/Full-current mode). * **SW5-SW8**: Microstep resolution. --- ### Terminal Interface Map The electronic connections are typically divided into three sections: #### 1. Control Signal Terminals * **PUL+ / PUL-**: Pulse input (determines speed and distance). * **DIR+ / DIR-**: Direction input (High/Low logic for CW/CCW). * **ENA+ / ENA-**: Enable/Disable input (free-wheels the motor when active). #### 2. Power Terminals * **VDC**: Positive DC power supply input. * **GND**: Power ground. #### 3. Motor Terminals * **A+ / A-**: Phase A of the stepper motor. * **B+ / B-**: Phase B of the stepper motor. --- ### Protection Features The 2DM-R includes built-in electronic safeguards: * **Over-Voltage Protection**: Shuts down the driver if the input voltage exceeds the safety threshold. * **Over-Current Protection**: Prevents damage to the MOSFETs in case of a short circuit in the motor phases. * **Auto-Current Reduction**: Automatically reduces current by 50% when the motor is at a standstill to prevent overheating. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct DIP switch settings for a NEMA 23 motor?
    • ⤷ What is the difference between the 2DM-R and the 2DM542 driver?
    • ⤷ Do I need an external resistor when using a 24V PLC signal with this driver?