전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2HCA-R

  • AI
    The **2HCA-R** (often associated with the **2HCA series**) typically refers to a high-performance **Current Sensor** module, commonly utilized in automotive and industrial power electronics. These sensors are primarily based on **Hall Effect** technology to provide non-contact, high-accuracy current measurement. ### 1. Technical Specifications Overview The 2HCA-R series is designed for power conversion systems. Below is a summary of the typical electronic characteristics: | Feature | Specification | | :--- | :--- | | **Technology** | Open-loop Hall Effect | | **Current Range** | Usually ±100A to ±1500A (depending on sub-model) | | **Supply Voltage** | +5V DC (Typical for R-series) | | **Output Type** | Ratiometric Analog Voltage | | **Response Time** | < 3 to 5 microseconds | | **Accuracy** | High linearity (typically < 1% error) | --- ### 2. Key Electronic Components & Internal Design The device is not a single component but an integrated module consisting of several critical parts: * **Magnetic Core:** A high-permeability ring (toroid) that gathers the magnetic flux generated by the primary conductor passing through the center hole. * **Hall Element:** A semiconductor thin-film sensor placed in the air gap of the magnetic core. It converts the magnetic field into a proportional voltage. * **Signal Conditioning ASIC:** An internal Integrated Circuit that performs: * **Amplification:** Boosting the millivolt signal from the Hall element. * **Temperature Compensation:** Correcting drift caused by heat. * **Offset Adjustment:** Ensuring the output is centered (usually at 2.5V for a 5V supply) when no current is flowing. * **Filtering Circuitry:** Built-in capacitors to reduce electromagnetic interference (EMI) and high-frequency noise. --- ### 3. Pinout and Integration Most 2HCA-R sensors feature a 4-pin connector interface for easy integration into a PCB or control system: 1. **Vcc (+5V):** Power supply input. 2. **GND (0V):** Ground reference. 3. **Vout:** The analog output signal (e.g., 2.5V = 0A; >2.5V = Positive current; <2.5V = Negative current). 4. **Vref (Optional):** Reference voltage output for microcontroller ADC synchronization. --- ### 4. Common Applications Due to its robustness and isolation, the 2HCA-R is frequently used in: * **Electric Vehicle (EV) Inverters:** Monitoring current sent to the motor. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles. * **Solar Inverters:** Converting DC from panels to AC for the grid. * **Uninterruptible Power Supplies (UPS):** Managing high-power energy storage. ---
    ✨ Follow-up Questions
    • ⤷ How does the ratiometric output of the 2HCA-R react to fluctuations in the supply voltage?
    • ⤷ What are the primary differences between the 2HCA-R and the 2HBP series sensors?
    • ⤷ How is the thermal management handled in these high-current sensors?