전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2M33-R

  • AI
    ## Overview of the 2M33-R Magnetron The **2M33-R** is a high-power vacuum tube known as a **Magnetron**, primarily designed for industrial and commercial microwave applications. It acts as the "engine" of a microwave system, converting high-voltage electrical energy into microwave radiation (electromagnetic waves). --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | CW (Continuous Wave) Magnetron | | **Operating Frequency** | ~2450 MHz (S-Band) | | **Output Power** | Approx. 800W - 1000W (depending on input) | | **Cooling Method** | Forced Air Cooled | | **Filament Voltage** | 3.15V - 3.3V | | **Anode Voltage** | 4.0 kV - 4.5 kV (Peak) | --- ### Internal Electronic Construction The 2M33-R consists of several critical internal parts that work together to generate oscillations: 1. **Filament/Cathode:** A tungsten wire coated with emissive material. When a low voltage is applied, it heats up and emits a cloud of electrons via thermionic emission. 2. **Anode (Resonant Cavity):** A solid copper block with machined cavities. It carries a very high positive potential relative to the cathode. 3. **Permanent Magnets:** Two large ring magnets (usually Ferrite) located at the top and bottom. These create a steady magnetic field parallel to the cathode. 4. **Antenna (Output Probe):** A metal cap that extends into the waveguide to transmit the generated microwave energy. 5. **RF Filter Box:** Located at the base where the power leads enter. It contains **Inductors** and **Capacitors** to prevent microwave leakage back into the power supply circuit (EMI suppression). --- ### How it Functions Electrically The operation follows a specific electronic sequence: 1. **Emission:** The filament heats the cathode, releasing electrons. 2. **Acceleration:** The high-voltage DC (Anode Voltage) pulls electrons toward the anode. 3. **Deflection:** The magnetic field forces the electrons to move in a circular/spiral path instead of a straight line. 4. **Resonance:** As electrons "brush" past the openings of the anode cavities, they induce high-frequency electromagnetic oscillations. 5. **Output:** These oscillations are captured by the antenna and channeled through a waveguide to the target area. --- ### Safety and Handling Warning > [!CAUTION] > **High Voltage & Radiation Hazard:** The 2M33-R operates at lethal voltages (over 4,000V). It also contains Beryllium Oxide (BeO) ceramic in some variations, which is toxic if broken and inhaled. Only qualified technicians should handle or test these components.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of a 2M33-R magnetron?
    • ⤷ How do I test the filament continuity of a magnetron with a multimeter?
    • ⤷ Which microwave oven brands typically use the 2M33-R series?