전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2M4-R

  • AI
    The **2M4-R** is a specific model of an **Industrial Joystick Controller**, commonly used in hydraulic machinery, cranes, and aerial work platforms. It is manufactured by companies like *SMC* or *CH Products* (and often rebranded for specific equipment manufacturers). --- ### ## Technical Specifications The 2M4-R is a **4-way (multi-axis)** joystick designed for rugged environments. Below are the key electronic and mechanical specifications: | Feature | Specification | | :--- | :--- | | **Model Type** | 2M Series (Miniature/Compact) | | **Movement** | 4-Way (Cross-pattern or All-direction) | | **Switching Element** | Micro-switches or Potentiometers | | **Current Rating** | Typically 5A to 10A at 250VAC | | **Contact Resistance** | < 50 mΩ | | **Operating Temperature** | -20°C to +65°C | | **Protection Class** | IP65 (Above panel) | --- ### ### Core Electronic Components The "2M4-R" designation usually refers to the internal configuration of the switches: 1. **Micro-switches:** The "R" often signifies a **Return-to-center** (spring return) mechanism. Inside, there are four independent micro-switches positioned at the North, South, East, and West positions. 2. **Terminal Connections:** The base features pin terminals or solder lugs. When the handle is moved, the cam pushes a lever that closes the circuit on a specific switch. 3. **Gasket/Seal:** A rubber boot (bellows) provides an IP65 rating to protect the electronic contacts from dust and moisture. 4. **Resistors (Optional):** Some versions include built-in resistors for signal conditioning if the joystick is being used with a PLC (Programmable Logic Controller). --- ### ### Wiring Diagram Logic Internally, the 2M4-R functions as a set of Single Pole Double Throw (SPDT) switches. ```text [Common] ----+---- (Normally Open) -> Signal to Motor/Valve | +---- (Normally Closed) -> Not Used ``` --- ### ### Common Applications * **Heavy Machinery:** Controlling the boom or bucket on an excavator. * **Medical Equipment:** Adjusting motorized beds or imaging tables. * **Material Handling:** Operating forklifts and overhead gantry cranes. * **CCTV Systems:** Pan-tilt-zoom (PTZ) camera control. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 2M4-R and the 2M8-R models?
    • ⤷ Can the micro-switches in a 2M4-R be replaced individually?
    • ⤷ How do I wire a 2M4-R joystick to an Arduino or PLC?