전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2N7002L-AE3-R

  • AI
    The **2N7002L-AE3-R** is a popular N-channel enhancement mode Field Effect Transistor (MOSFET). It is widely used in low-power switching applications and signal level shifting due to its small footprint and efficient performance. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the 2N7002L: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Continuous Drain Current** | $I_D$ | 300mA | | **Gate-Source Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 2.5V | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 2.0Ω - 5.0Ω (@ $V_{GS}$ = 10V) | | **Total Gate Charge** | $Q_g$ | 0.5nC to 1.0nC | | **Package Type** | SOT-23 | Small Outline Transistor | --- ### 2. Part Number Breakdown Understanding the suffix helps in identifying the specific variant and packaging: * **2N7002L**: The core model number. The "L" often denotes a "Low Threshold" or specific lead-free process depending on the manufacturer (typically UTC - Unisonic Technologies). * **AE3**: Refers to the **SOT-23** package type. * **R**: Indicates **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. --- ### 3. Features and Advantages * **High Density Cell Design:** Provides low $R_{DS(on)}$, minimizing power loss during conduction. * **Voltage Controlled:** Since it is a MOSFET, it is voltage-gated, meaning it draws almost no current from the control pin (Gate), unlike a Bipolar Junction Transistor (BJT). * **Fast Switching Speed:** Excellent for high-speed pulse applications. * **Logic Level Compatible:** The low threshold voltage ($V_{GS(th)}$) allows it to be driven directly by 3.3V or 5V microcontrollers. --- ### 4. Common Applications 1. **Signal Level Shifting:** Converting a 5V logic signal to a higher voltage or vice versa. 2. **Small Load Switching:** Driving LEDs, small relays, or fans. 3. **Power Management:** Acting as a "pass transistor" in battery-powered handheld devices. 4. **DC-DC Converters:** Used in the control circuitry of power supplies. --- ### 5. Typical Schematic Representation In a circuit, the connections are usually assigned as follows for the SOT-23 package: ```text SOT-23 Pinout: Pin 1: Gate (G) -> Control Input Pin 2: Source (S) -> Usually connected to Ground (GND) Pin 3: Drain (D) -> Connected to the Load ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 2N7002 and the 2N7000?
    • ⤷ Can the 2N7002L be driven directly by a Raspberry Pi or Arduino GPIO?
    • ⤷ What is the maximum power dissipation for the SOT-23 version of this MOSFET?