전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2R5W-R

  • AI
    The designation **2R5W-R** is a specific technical code typically used for high-precision or power resistors. Based on standard industry naming conventions, here is the detailed breakdown of what these parts represent. ### 1. Breakdown of the Part Number The alphanumeric code indicates the electrical characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **2R5** | Resistance Value | The "R" acts as a decimal point. **2.5 Ohms ($\Omega$)**. | | **W** | Tolerance/Type | Often signifies a specific tolerance (sometimes $\pm 0.05\%$) or "Wirewound" construction. | | **-R** | Compliance | Usually indicates **RoHS Compliant** (Lead-free). | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as *Susumu*, *Vishay*, or *RoyalOhm*), these parts generally fall into two categories: #### A. High-Precision Thin Film Resistors If the part is a surface-mount (SMD) device, it is likely a precision resistor used for signal processing. * **Precision:** Often 0.05% or 0.1% tolerance. * **Temperature Coefficient (TCR):** Very low (e.g., $\pm 5ppm/^\circ C$ to $\pm 25ppm/^\circ C$), meaning the resistance doesn't change with heat. #### B. Power Wirewound Resistors If the part is larger/cylindrical, it is a power resistor. * **Power Rating:** Typically 2 Watts to 5 Watts. * **Purpose:** Used for current sensing or power dissipation. --- ### 3. Common Applications Components with a 2.5 Ohm value are frequently found in: * **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in a circuit. * **Audio Equipment:** Used in crossover networks for speakers. * **LED Drivers:** Limiting current to high-power LEDs. * **Precision Measurement:** Instrumentation where stable resistance is critical. --- ### 4. Comparison with Similar Parts | Feature | 2R5W-R (2.5 $\Omega$) | 25R (25 $\Omega$) | 2R5 (2.5 $\Omega$ Standard) | | :--- | :--- | :--- | :--- | | **Precision** | High | Standard | Standard | | **Cost** | Premium | Lower | Lowest | | **Stability** | Excellent | Average | Average | ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the specific 2R5W-R part you are looking for?
    • ⤷ Are you looking for an SMD (Surface Mount) or Through-Hole version?
    • ⤷ What is the wattage requirement for your circuit?