전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2R7156-R

  • AI
    The part number **2R7156-R** typically refers to a **Gas Discharge Tube (GDT)**, which is a surge protection device. These components are designed to protect sensitive electronic equipment from voltage transients caused by lightning or power surges. --- ### 1. Technical Specifications The "2R" series generally indicates a two-electrode device, and the "156" often relates to the breakdown voltage or a specific series code. Below is a general profile for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **Electrodes** | 2-Pole (Single Chamber) | | **DC Spark-over Voltage** | Usually ~150V - 160V (Series dependent) | | **Impulse Discharge Current** | 5kA - 20kA (Typical for 8/20µs wave) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | < 1.5 pF (Very Low) | | **Mounting Type** | Through-hole (Radial leads) or SMD | --- ### 2. How It Works A GDT acts as a high-speed switch. Its operation follows these stages: 1. **Normal State:** The gas inside the tube is non-conductive, acting as an open circuit with extremely high resistance. 2. **Surge Event:** When a high-voltage spike hits the device, the gas ionizes. 3. **Arc State:** Once ionized, the tube becomes a low-impedance path (an arc), shunting the excess current to the ground and protecting the downstream load. 4. **Recovery:** Once the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its non-conductive state. --- ### 3. Key Advantages * **Low Capacitance:** Because GDTs have very low capacitance (typically <2pF), they are ideal for high-speed data lines (like Ethernet or DSL) where signal integrity is critical. * **High Current Handling:** They can handle significantly higher surge currents compared to TVS diodes or MOVs. * **Long Life:** Under normal conditions, they have a very long service life and high reliability. --- ### 4. Common Applications * **Telecommunications:** Protection for phone lines, modems, and routers. * **Power Supplies:** Used in AC/DC surge protection circuits. * **Industrial Equipment:** Protecting PLC inputs and sensitive sensors. * **Antenna Systems:** Coaxial cable surge arrestors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT and an MOV for surge protection?
    • ⤷ How do I calculate the required spark-over voltage for my circuit?
    • ⤷ Can GDTs be used in series with other protection components?