2SB778
AI

The **2SB778** is a high-power PNP epitaxial silicon transistor. It is primarily designed for high-power audio amplification and high-speed switching applications. It is frequently paired with its NPN complement, the **2SD1047**.
---
## 1. Key Specifications
The following table summarizes the maximum ratings and electrical characteristics of the 2SB778:
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -160 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | -120 | V |
| Emitter-Base Voltage | $V_{EBO}$ | -6 | V |
| Collector Current (DC) | $I_C$ | -12 | A |
| Collector Power Dissipation | $P_C$ | 100 | W |
| Junction Temperature | $T_j$ | 150 | °C |
| Current Gain | $h_{FE}$ | 60 - 200 | - |
---
## 2. Physical and Structural Details
- **Package Type:** Usually found in a **TO-3P** or **TO-247** package. These packages feature a large metal tab or surface area to facilitate heat dissipation through a heatsink.
- **Material:** PNP Silicon (Epitaxial Base).
- **Pin Configuration:**
1. **Base (B)**
2. **Collector (C)**
3. **Emitter (E)**
---
## 3. Common Applications
Due to its high power handling and linearity, the 2SB778 is commonly used in:
* **Audio Power Amplifiers:** Used in the output stage of Hi-Fi systems and professional audio equipment.
* **Voltage Regulators:** Employed in linear power supply circuits.
* **DC-DC Converters:** High-speed switching for power conversion.
* **Motor Control:** Driving high-current loads in industrial electronics.
---
## 4. Complementary Pair
In push-pull amplifier configurations, the 2SB778 (PNP) is almost always used alongside the **2SD1047 (NPN)**. Using complementary pairs ensures symmetrical amplification of both the positive and negative cycles of an AC signal (like audio).
---
- ⤷
What are the best heat sinking practices for a 100W transistor like the 2SB778?
- ⤷ How does the 2SB778 compare to the popular TTC5200/TTA1943 transistors?
- ⤷ Can you explain the difference between the O
- ⤷ R
- ⤷ and Y gain classifications for this part?